Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB2 Fiches technique(PDF) 5 Page - France Joint

No de pièce VB2
Description  STANDARD SHAFT SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VB2 Fiches technique(HTML) 5 Page - France Joint

  VB2 Datasheet HTML 1Page - France Joint VB2 Datasheet HTML 2Page - France Joint VB2 Datasheet HTML 3Page - France Joint VB2 Datasheet HTML 4Page - France Joint VB2 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
|
|
DIMENSIONS
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
Height
H1
VB2 15 x 30 x 5
15.00
30.00
5.00
VB2 21 x 37 x 7
21.00
37.00
7.00
VB2 25 x 38 x 5
25.00
38.00
5.00
VB2 27 x 34 x 3
27.00
34.00
3.00
VB2 28 x 50 x 6
28.00
50.00
6.00
VB2 31 x 52 x 7
31.00
52.00
7.00
VB2 32 x 45 x 5
32.00
45.00
5.00
VB2 35 x 47 x 5
35.00
47.00
5.00
VB2 40 x 52 x 5
40.00
52.00
5.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
Height
H1
VB2 45 x 65 x 5
45.00
65.00
5.00
VB2 50 x 60 x 5
50.00
60.00
5.00
VB2 52 x 68 x 6
52.00
68.00
6.00
VB2 55 x 68 x 6
55.00
68.00
6.00
VB2 55 x 82 x 10
55.00
82.00
10.00
VB2 60 x 78 x 7
60.00
78.00
7.00
VB2 60 x 80 x 5
60.00
80.00
5.00
VB2 65 x 80 x 8
65.00
80.00
8.00
VB2 65 x 90 x 6
65.00
90.00
6.00
ROTARY SEALS | STANDARD SHAFT SEALS |
VB2
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5