| Moteur de recherche de fiches techniques de composants électroniques |
|
LF80ABP Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LF80ABP Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 45 page ![]() LFxxAB - LFxxC Maximum ratings 5/45 3 Maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage -0.5 to 40(1) 1. For 18 < VI < 40 the regulator is in shut-down V IO Output current Internally Limited PTOT Power dissipation Internally Limited TSTG Storage temperature range -40 to 150 °C TOP Operating junction temperature range -40 to 125 °C Table 3. Thermal data Symbol Parameter PENTAWATT TO-220 TO-220FP DPAK/PPAK Unit RthJC Thermal resistance junction-case 3 3 5 8 °C/W RthJA Thermal resistance junction-ambient 50 50 60 100 °C/W Figure 3. Test circuit |