| Moteur de recherche de fiches techniques de composants électroniques |
|
AM67 Fiches technique(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM67 Fiches technique(HTML) 66 Page - Texas Instruments |
|
66 / 237 page ![]() Table 5-43. MCASP2 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP2_AXR0 IO MCASP Serial Data (Input/Output) D22, U27 MCASP2_AXR1 IO MCASP Serial Data (Input/Output) C22, U26 MCASP2_AXR2 IO MCASP Serial Data (Input/Output) V27 MCASP2_AXR3 IO MCASP Serial Data (Input/Output) V25 MCASP2_AXR4 IO MCASP Serial Data (Input/Output) R22, V22 MCASP2_AXR5 IO MCASP Serial Data (Input/Output) R23, V23 MCASP2_AXR6 IO MCASP Serial Data (Input/Output) R26 MCASP2_AXR7 IO MCASP Serial Data (Input/Output) T27 MCASP2_AXR8 IO MCASP Serial Data (Input/Output) T25 MCASP2_AXR9 IO MCASP Serial Data (Input/Output) T24 MCASP2_AXR10 IO MCASP Serial Data (Input/Output) T21 MCASP2_AXR11 IO MCASP Serial Data (Input/Output) T22 MCASP2_AXR12 IO MCASP Serial Data (Input/Output) P26 MCASP2_AXR13 IO MCASP Serial Data (Input/Output) N25 MCASP2_AXR14 IO MCASP Serial Data (Input/Output) R27 MCASP2_AXR15 IO MCASP Serial Data (Input/Output) P21 Table 5-44. MCASP3 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP3_ACLKR IO MCASP Receive Bit Clock Y26 MCASP3_ACLKX IO MCASP Transmit Bit Clock W27 MCASP3_AFSR IO MCASP Receive Frame Sync Y27 MCASP3_AFSX IO MCASP Transmit Frame Sync W25 MCASP3_AXR0 IO MCASP Serial Data (Input/Output) W24 MCASP3_AXR1 IO MCASP Serial Data (Input/Output) W23 MCASP3_AXR2 IO MCASP Serial Data (Input/Output) W22 MCASP3_AXR3 IO MCASP Serial Data (Input/Output) W21 MCASP3_AXR4 IO MCASP Serial Data (Input/Output) AA24 MCASP3_AXR5 IO MCASP Serial Data (Input/Output) AA27 MCASP3_AXR6 IO MCASP Serial Data (Input/Output) Y26 MCASP3_AXR7 IO MCASP Serial Data (Input/Output) Y27 MCASP3_AXR8 IO MCASP Serial Data (Input/Output) J27 MCASP3_AXR9 IO MCASP Serial Data (Input/Output) H27 Table 5-45. MCASP4 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCASP4_ACLKR IO MCASP Receive Bit Clock AA25 MCASP4_ACLKX IO MCASP Transmit Bit Clock AB23 MCASP4_AFSR IO MCASP Receive Frame Sync AB25 MCASP4_AFSX IO MCASP Transmit Frame Sync AC26 MCASP4_AXR0 IO MCASP Serial Data (Input/Output) AA23 MCASP4_AXR1 IO MCASP Serial Data (Input/Output) AA22 MCASP4_AXR2 IO MCASP Serial Data (Input/Output) AB26 AM67, AM67A SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 66 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM67 AM67A |