| Moteur de recherche de fiches techniques de composants électroniques |
|
HSMJ-A100-R40J1 Fiches technique(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
HSMJ-A100-R40J1 Fiches technique(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED |
|
13 / 13 page ![]() Packaging Option (X8X9) Option Test Current Package Type Reel Size J1 20 mA Top Mount 7 inch J4 20 mA Top Mount 1 inch H1 20 mA Reverse Mount 7 inch H4 20 mA Reverse Mount 1 inch J2 10 mA Top Mount 7 inch J5 10 mA Top Mount 1 inch H2 10 mA Reverse Mount 7 inch H5 10 mA Reverse Mount 1 inch For product information and a complete list of distributors, please go to our website: www.avagotech.com Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries. Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0040EN AV02-0198EN - May 30, 2007 Moisture Sensitivity This product is qualified as Moisture Sensitive Level 2a per Jedec J-STD-020. Precautions when handling this moisture sensitive product is important to ensure the reliability of the product. Do refer to Avago Application Note AN505 Handling of Moisture Sensitive Surface Mount Devices for details. A. Storage before use - Unopen moisture barrier bag (MBB) can be stored at <40°C/90%RH for 12 months. If the actual shelf life has exceeded 12 months and the HIC indicates that baking is not required, then it is safe to reflow the LEDs per the original MSL rating. - It is not recommended to open the MBB prior to assembly (e.g. for IQC). B. Control after opening the MBB - The humidity indicator card (HIC) shall be read im- mediately upon opening of MBB. - The LEDs must be kept at <0°C / 60%RH at all time and all high temperature related process including soldering, curing or rework need to be completed within 672 hours. C. Control for unfinished reel - For any unuse LEDs, they need to be stored in sealed MBB with desiccant or desiccator at <5%RH. D. Control of assembled boards - If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to be stored in sealed MBB with desiccant or desic- cator at <5%RH to ensure no LEDs have exceeded their floor life of 672 hours. E. Baking is required if: - “10%” or “15%” HIC indicator turns pink. - The LEDs are exposed to condition of >0°C / 60% RH at any time. - The LEDs floor life exceeded 672 hours. Recommended baking condition: 60±5°C for 20 hours. |