Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7 Fiches technique(PDF) 5 Page - France Joint

No de pièce TC7
Description  STANDARD SHAFT SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

TC7 Fiches technique(HTML) 5 Page - France Joint

  TC7 Datasheet HTML 1Page - France Joint TC7 Datasheet HTML 2Page - France Joint TC7 Datasheet HTML 3Page - France Joint TC7 Datasheet HTML 4Page - France Joint TC7 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
|
|
DIMENSIONS
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
Seal
height
H2
TC7 10 x 18 x 5 x 7
10.00
18.00
5.00
7.00
TC7 11 x 17 x 4 x 6
11.00
17.00
4.00
6.00
TC7 12 x 20 x 5 x 10
12.00
20.00
5.00
10.00
TC7 12 x 22 x 5 x 10
12.00
22.00
5.00
10.00
TC7 15 x 26 x 5 x 10
15.00
26.00
5.00
10.00
TC7 17 x 28 x 5 x 10
17.00
28.00
5.00
10.00
TC7 18 x 32 x 5 x 8
18.00
32.00
5.00
8.00
TC7 24 x 38 x 8 x 12
24.00
38.00
8.00
12.00
TC7 33 x 56 x 8.8 x 15
33.00
56.00
8.80
15.00
TC7 34 x 54 x 8 x 11.5
34.00
54.00
8.00
11.50
TC7 34 x 54 x 9 x 15.5
34.00
54.00
9.00
15.50
TC7 34 x 63 x 9 x 15.5
34.00
63.00
9.00
15.50
TC7 35 x 54 x 8 x 11.5
35.00
54.00
8.00
11.50
TC7 35 x 55 x 9 x 15.5
35.00
55.00
9.00
15.50
TC7 35 x 56 x 7.5 x 11.5
35.00
56.00
7.50
11.50
TC7 35 x 56 x 8 x 11.5
35.00
56.00
8.00
11.50
TC7 35 x 56 x 9 x 12.5
35.00
56.00
9.00
12.50
TC7 35 x 56 x 9 x 15
35.00
56.00
9.00
15.00
TC7 35 x 56 x 10 x 13.5
35.00
56.00
10.00
13.50
TC7 35 x 57 x 9 x 15
35.00
57.00
9.00
15.00
TC7 35 x 58 x 8 x 11
35.00
58.00
8.00
11.00
TC7 35 x 58 x 10 x 13
35.00
58.00
10.00
13.00
TC7 35 x 61 x 9 x 13.5
35.00
61.00
9.00
13.50
TC7 35 x 62 x 8 x 11.5
35.00
62.00
8.00
11.50
TC7 35 x 63 x 10 x 22
35.00
63.00
10.00
22.00
TC7 35 x 67 x 12 x 18
35.00
67.00
12.00
18.00
TC7 35 x 68 x 9 x 12.5
35.00
68.00
9.00
12.50
TC7 35 x 69 x 8 x 13
35.00
69.00
8.00
13.00
TC7 35 x 76 x 9 x 12.5
35.00
76.00
9.00
12.50
TC7 37 x 64 x 11 x 16
37.00
64.00
11.00
16.00
TC7 37 x 65 x 10 x 17
37.00
65.00
10.00
17.00
TC7 37 x 67 x 10 x 17
37.00
67.00
10.00
17.00
TC7 38 x 50 x 8 x 13
38.00
50.00
8.00
13.00
TC7 38 x 54 x 8 x 11.5
38.00
54.00
8.00
11.50
TC7 38 x 54 x 9 x 15
38.00
54.00
9.00
15.00
TC7 38 x 54 x 9 x 15.5
38.00
54.00
9.00
15.50
TC7 38 x 56 x 9 x 15
38.00
56.00
9.00
15.00
TC7 38 x 58 x 10 x 17
38.00
58.00
10.00
17.00
TC7 38 x 63 x 9 x 15
38.00
63.00
9.00
15.00
TC7 39 x 68 x 9 x 15.5
39.00
68.00
9.00
15.50
TC7 39 x 68 x 16 x 22.5
39.00
68.00
16.00
22.50
TC7 40 x 56 x 8 x 9.5
40.00
56.00
8.00
9.50
TC7 40 x 56 x 8 x 11.5
40.00
56.00
8.00
11.50
TC7 40 x 56 x 8 x 13
40.00
56.00
8.00
13.00
TC7 40 x 56 x 9 x 15.5
40.00
56.00
9.00
15.50
TC7 40 x 58 x 7 x 12
40.00
58.00
7.00
12.00
TC7 40 x 58 x 8 x 11.5
40.00
58.00
8.00
11.50
TC7 40 x 58 x 9 x 13.5
40.00
58.00
9.00
13.50
TC7 40 x 58 x 9 x 14
40.00
58.00
9.00
14.00
TC7 40 x 58 x 9.5 x 15
40.00
58.00
9.50
15.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
Seal
height
H2
TC7 40 x 62 x 8 x 11.5
40.00
62.00
8.00
11.50
TC7 40 x 63 x 8 x 11.5
40.00
63.00
8.00
11.50
TC7 40 x 64 x 9 x 15
40.00
64.00
9.00
15.00
TC7 40 x 65 x 11.5 x 18.1
40.00
65.00
11.50
18.10
TC7 40 x 68 x 9 x 12.5
40.00
68.00
9.00
12.50
TC7 40 x 70 x 12 x 16
40.00
70.00
12.00
16.00
TC7 40 x 74 x 10 x 17
40.00
74.00
10.00
17.00
TC7 41 x 59 x 10 x 16.5
41.00
59.00
10.00
16.50
TC7 41 x 61 x 8 x 13
41.00
61.00
8.00
13.00
TC7 41 x 63 x 9 x 12.5
41.00
63.00
9.00
12.50
TC7 41 x 69 x 8.5 x 16
41.00
69.00
8.50
16.00
TC7 41 x 74 x 11 x 17.5
41.00
74.00
11.00
17.50
TC7 42 x 59 x 6 x 10.5
42.00
59.00
6.00
10.50
TC7 42 x 63 x 9 x 12.3
42.00
63.00
9.00
12.30
TC7 43 x 63 x 12 x 19
43.00
63.00
12.00
19.00
TC7 44 x 60 x 7 x 10
44.00
60.00
7.00
10.00
TC7 44 x 60 x 9 x 13
44.00
60.00
9.00
13.00
TC7 44 x 62 x 7 x 11.5
44.00
62.00
7.00
11.50
TC7 44 x 62 x 7.8 x 13
44.00
62.00
7.80
13.00
TC7 44 x 74 x 11 x 16.5
44.00
74.00
11.00
16.50
TC7 44 x 80 x 7 x 12.5
44.00
80.00
7.00
12.50
TC7 45 x 61 x 8 x 10
45.00
61.00
8.00
10.00
TC7 45 x 62 x 10 x 15.5
45.00
62.00
10.00
15.50
TC7 45 x 64 x 9 x 11.5
45.00
64.00
9.00
11.50
TC7 45 x 68 x 12.5 x 19.5
45.00
68.00
12.50
19.50
TC7 45 x 80 x 10 x 16.5
45.00
80.00
10.00
16.50
TC7 50 x 68 x 9 x 15
50.00
68.00
9.00
15.00
TC7 50 x 70 x 10 x 16
50.00
70.00
10.00
16.00
TC7 54 x 70 x 6 x 10
54.00
70.00
6.00
10.00
TC7 58 x 75 x 9 x 14.5
58.00
75.00
9.00
14.50
TC7 58 x 78 x 10 x 14
58.00
78.00
10.00
14.00
TC7 58 x 102 x 11 x 19
58.00
102.00
11.00
19.00
TC7 58 x 103 x 12 x 19.5
58.00
103.00
12.00
19.50
TC7 60 x 83 x 14 x 21.5
60.00
83.00
14.00
21.50
TC7 65 x 88 x 12 x 18.5
65.00
88.00
12.00
18.50
TC7 65 x 90 x 9 x 13
65.00
90.00
9.00
13.00
TC7 70 x 95 x 13 x 20
70.00
95.00
13.00
20.00
TC7 75 x 95 x 10 x 14
75.00
95.00
10.00
14.00
TC7 75 x 97 x 9 x 13
75.00
97.00
9.00
13.00
TC7 75 x 100 x 13 x 20
75.00
100.00
13.00
20.00
TC7 80 x 105 x 9.5 x 11.5
80.00
105.00
9.50
11.50
TC7 80 x 105 x 12 x 18.5
80.00
105.00
12.00
18.50
TC7 90 x 110 x 9 x 11.5
90.00
110.00
9.00
11.50
TC7 100 x 120 x 13 x 18
100.00
120.00
13.00
18.00
TC7 116 x 146 x 12 x 18
116.00
146.00
12.00
18.00
TC7 122 x 150 x 12 x 18
122.00
150.00
12.00
18.00
TC7 125 x 150 x 12 x 18
125.00
150.00
12.00
18.00
TC7 125 x 155 x 14 x 23
125.00
155.00
14.00
23.00
TC7 135 x 165 x 14 x 20
135.00
165.00
14.00
20.00
TC7 145 x 170 x 12 x 16
145.00
170.00
12.00
16.00
ROTARY SEALS | STANDARD SHAFT SEALS |
TC7
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5