Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

811 Fiches technique(PDF) 13 Page - France Joint

No de pièce 811
Description  efficient and cost-effective solution to wear problems on the shaft.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

811 Fiches technique(HTML) 13 Page - France Joint

Back Button 811 Datasheet HTML 9Page - France Joint 811 Datasheet HTML 10Page - France Joint 811 Datasheet HTML 11Page - France Joint 811 Datasheet HTML 12Page - France Joint 811 Datasheet HTML 13Page - France Joint 811 Datasheet HTML 14Page - France Joint 811 Datasheet HTML 15Page - France Joint 811 Datasheet HTML 16Page - France Joint 811 Datasheet HTML 17Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
EN-TETE CONTINU
EN-TETE CONTINU
Part number
Shaft diameter
Ød1 min
Shaft diameter
Ød1 max
Shaft diameter
Ød1
Outside
diameter
ØD
Height
H1
Height
H2
Width
L1
811.1100101
109.78
110.01
110.01
124.99
11.38
14.96
32.94
811.1111302
111.00
111.20
111.13
120.65
20.65
25.40
41.91
811.1119901
111.79
111.99
111.99
120.65
19.05
22.50
33.02
811.1127302
112.62
112.83
112.73
122.25
25.40
29.01
33.35
811.1143002
114.20
114.40
114.30
123.19
20.65
25.40
31.75
811.1150102
114.88
115.09
115.01
127.00
20.65
23.83
31.75
811.1174801
117.37
117.58
117.48
127.00
11.13
15.88
34.93
811.1174802
117.37
117.58
117.48
128.60
25.40
31.75
34.93
811.1190802
119.00
119.20
119.08
128.60
20.65
25.40
34.93
811.1199908
119.89
120.09
119.99
129.79
8.00
11.00
33.60
811.1199901
119.89
120.09
119.99
129.79
19.99
24.99
32.00
811.1206501
120.55
120.75
120.65
127.00
12.70
19.05
38.10
811.1220001
121.89
122.10
122.00
131.50
19.99
24.00
32.00
811.1230101
122.91
123.11
123.01
132.82
19.99
24.99
31.60
811.1238301
123.72
123.93
123.83
133.35
15.88
19.05
36.53
811.1249901
124.89
125.10
124.99
137.16
10.01
14.00
36.53
811.1249902
124.89
125.10
124.99
137.16
26.01
32.00
36.53
811.1270002
124.89
125.10
127.00
136.91
20.65
25.40
36.53
811.1270001
126.95
127.15
127.00
137.16
13.72
17.30
36.53
811.1280002
127.80
128.00
128.00
135.26
29.21
34.27
40.30
811.1299001
129.79
130.00
129.90
139.52
19.05
23.83
30.00
811.1300002
129.97
130.18
130.00
139.52
22.00
25.30
32.51
811.1301802
130.05
130.25
130.18
139.70
20.65
25.40
31.75
811.1333502
133.25
133.45
133.35
141.22
20.65
25.40
31.75
811.1349002
134.80
135.00
134.90
145.67
20.50
25.40
31.75
811.1365302
136.42
136.63
136.53
149.23
20.65
25.40
31.75
811.1381303
138.02
138.23
138.13
146.05
38.10
42.88
47.63
811.1390901
138.99
139.19
139.09
149.86
14.30
19.05
31.34
811.1397001
139.65
139.85
139.70
150.83
13.16
17.91
31.75
811.1397002
139.65
139.85
139.70
150.83
20.65
25.40
31.75
811.1400002
139.90
140.11
140.00
151.00
20.50
25.40
31.75
811.1428802
142.77
142.98
142.88
157.18
22.23
25.40
46.02
811.1450101
144.75
145.01
145.01
154.94
19.05
22.23
46.02
811.1456401
145.44
145.64
145.64
154.94
14.30
19.05
49.23
811.1460502
145.95
146.15
146.05
156.97
20.65
25.40
44.45
811.1492302
149.12
149.33
149.23
157.18
25.40
31.75
33.35
811.1499902
149.76
150.01
149.99
159.00
26.01
30.00
32.51
811.1508302
150.72
150.93
150.83
161.93
25.40
28.58
47.63
811.1524001
152.27
152.48
152.40
161.54
12.70
19.05
44.45
811.1524002
152.27
152.48
152.40
161.93
25.40
31.75
44.45
811.1540002
153.87
154.13
154.00
161.93
26.01
30.00
32.99
811.1548602
154.74
154.99
154.86
167.01
26.01
30.00
32.99
811.1575602
157.43
157.68
157.56
168.28
20.65
27.00
44.45
811.1587502
158.62
158.88
158.75
168.28
26.19
31.75
44.45
811.1599902
159.74
159.99
159.99
171.45
25.40
31.75
34.93
811.1651002
164.97
165.23
165.10
177.80
25.40
31.75
34.93
811.1698803
169.75
170.00
169.88
182.58
31.75
38.00
44.45
811.1714502
171.32
171.58
171.45
180.98
20.65
27.00
44.45
811.1750102
174.75
175.01
175.01
186.99
27.99
32.00
35.00
811.1778002
177.67
177.93
177.80
189.87
25.40
31.75
42.88
811.1800103
179.76
180.01
180.01
190.50
32.99
38.00
44.50
811.1841503
184.00
184.25
184.15
197.10
31.75
38.10
55.25
811.1848603
184.73
184.99
184.86
197.10
32.00
38.00
54.99
811.1893102
189.08
189.33
189.31
199.64
20.65
25.40
31.75
811.1905002
190.37
190.63
190.50
200.03
20.65
25.40
31.75
811.1968502
196.72
196.98
196.85
210.06
25.40
33.35
47.63
811.2000303
199.87
200.13
200.03
212.73
34.52
38.10
44.45
811.2016302
201.50
201.75
201.63
212.73
25.40
31.75
44.45
811.2032002
203.07
203.33
203.20
212.73
25.40
31.75
44.45
www.francejoint.com
SLEEVES |
BECA 811
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21