| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AS1034ADE4 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AS1034ADE4 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 16 page ![]() SN54ALS1034, SN54AS1034A, SN74ALS1034, SN74AS1034A HEX DRIVERS SDAS053B − APRIL 1982 − REVISED JANUARY 1995 Copyright 1995, Texas Instruments Incorporated 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 • ′AS1034A Offer High Capacitive-Drive Capability • Noninverting Drivers • Package Options Include Plastic Small-Outline (D) Packages, Ceramic Chip Carriers (FK), and Standard Plastic (N) and Ceramic (J) 300-mil DIPs description These devices contain six independent noninverting drivers. They perform the Boolean function Y = A. The SN54ALS1034 and SN54AS1034A are characterized for operation over the full military temperature range of − 55 °C to 125°C. The SN74ALS1034 and SN74AS1034A are characterized for operation from 0 °C to 70°C. FUNCTION TABLE (each buffer) INPUT A OUTPUT Y H H L L logic symbol† logic diagram (positive logic) 1Y 2 2Y 4 3Y 6 4Y 8 5Y 10 6Y 12 1 1A 3 2A 5 3A 9 4A 11 5A 13 6A 6A 6Y 5A 5Y 4A 4Y 3A 3Y 2A 2Y 1Y 1A 3 5 9 11 13 12 4 6 8 10 12 † This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. Pin numbers shown are for the D, J, and N packages. SN54ALS1034, SN54AS1034A ...J PACKAGE SN74ALS1034, SN74AS1034A ...D OR N PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1Y 2A 2Y 3A 3Y GND VCC 6A 6Y 5A 5Y 4A 4Y SN54ALS1034, SN54AS1034A . . . FK PACKAGE (TOP VIEW) 3 2 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 6Y NC 5A NC 5Y 2A NC 2Y NC 3A NC − No internal connection PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN74AS1034ADE4 |
|
Description similaire - SN74AS1034ADE4 |