Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ROM1490X Fiches technique(PDF) 10 Page - Rakon Limited

No de pièce ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAKON [Rakon Limited]
Site Internet  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Fiches technique(HTML) 10 Page - Rakon Limited

Back Button ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited ROM1490X Datasheet HTML 10Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
10 of 10
Contact Us
16.0
Reflow
17.0
Disclaimer
Parameter
Test Condition / Description
a. Disclaimer
"Samples supplied according to this specification are supplied from our development or pre-
production programme and are not qualification approved products. No condition, warranty
or representation regarding quality, suitability, performance, life or continuation of supply is
given or implied and Warranty in clause 7 of our standard Conditions of Sale is not applicable.
The right is reserved to change the design or specification or cease supply without notice."
Rakon Limited



Html Pages

1 2 3 4 5 6 7 8 9 10