Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR750FXX Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 10Page - STMicroelectronics STR750FXX Datasheet HTML 11Page - STMicroelectronics STR750FXX Datasheet HTML 12Page - STMicroelectronics STR750FXX Datasheet HTML 13Page - STMicroelectronics STR750FXX Datasheet HTML 14Page - STMicroelectronics STR750FXX Datasheet HTML 15Page - STMicroelectronics STR750FXX Datasheet HTML 16Page - STMicroelectronics STR750FXX Datasheet HTML 17Page - STMicroelectronics STR750FXX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
Pin Description
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
14/81
Table 4.
LFBGA100 ball connections
12
3
4
5
6
7
8
9
10
A
P0.03
P1.13
P1.14
P1.04
P1.06 P1.08
P0.05
P0.06
P0.07
P1.02
B
P1.12
P0.02
P0.01
P1.05
P1.07 P1.09
P0.04
P2.13
P1.03
P2.10
C
P0.31
P0.00 VDD_IO
V18
P1.10 P2.09
VSS_IO
VSSA_ADC
P2.11
USB_DP
D
P0.29
P0.30 VSS_IO VSS18 P1.01 P1.15
VDD_IO
VDDA_ADC
P2.12
USB_DN
E
P0.28
P0.23
P0.22
VSS_IO TEST P1.00 NRSTOUT VREG_DIS NRSTIN
P0.14
F
P2.03
P0.21
P0.20
P2.02
P2.04 P2.05
P2.06
VSS18
VSSBKP
P0.15
G
NJTRST P1.18
P1.19
P2.01
P2.00 P2.07
2.08
V18REG
V18BKP
XRTC2
H
P0.13
P1.16
P1.17
P2.19
P2.18 P2.17
P0.24
P2.14
P2.16
XRTC1
J
P0.11
P0.12
P1.11
P0.27
P0.19 P0.26
P0.25
P2.15
VDD_IO
VSS_IO
K
P0.10
P0.09
P0.08
P0.18
P0.17 P0.16
XT1
XT2
VDDA_PLL VSSA_PLL
Table 5.
LFBGA64 ball connections
12
34
5
6
78
A
P0.03
VSS_IO
P1.04
P1.06
P1.08
P0.05
P0.06
P0.07
B
P1.12
VDD_IO
P1.05
P1.07
P1.09
P0.04
P1.10
P1.03
C
P0.01
P0.02
P0.00
V18
VSS18
VDD_IO
VSS_IO
P0.14
D
P0.29
P0.28
TEST
VSS_IO
VREG_DIS VDDA_ADC VSSA_ADC
P0.15
E
P1.18
P1.19
P0.20
P0.21
NRSTOUT
NRSTIN
V18BKP
XRTC2
F
P0.13
NJTRST
P1.16
P1.17
V18REG
VSS18
VSSBKP
XRTC1
G
P0.11
P0.12
P1.11
P0.19
VDD_IO
VSS_IO
VDDA_PLL VSSA_PLL
H
P0.10
P0.09
P0.08
P0.17
P0.18
P0.16
XT2
XT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81