| Moteur de recherche de fiches techniques de composants électroniques |
|
DS1307 Fiches technique(PDF) 13 Page - SYC Electronica |
|
|
|||||||||||||||||||||||||||||
DS1307 Fiches technique(HTML) 13 Page - SYC Electronica |
|
13 / 14 page ![]() DS1307 64 x 8, Serial, I 2C Real-Time Clock 13 of 14 A XXXXXXXX 1101000 S XXXXXXXX A XXXXXXXX XXXXXXXX A P <Slave Address> <Word Address (n)> <Slave Address> S - Start Sr - Repeated Start A - Acknowledge (ACK) P - Stop A - Not Acknowledge (NACK) DATA TRANSFERRED (X+1 BYTES + ACKNOWLEDGE); NOTE: LAST DATA BYTE IS FOLLOWED BY A NOT ACKNOWLEDGE ( A) SIGNAL) Master to slave Slave to master ... A XXXXXXXX A 0 1101000 Sr A 1 <Data(n)> <Data(n+1)> <Data(n+2)> <Data(n+X)> A Figure 6. Data Read (Write Pointer, Then Read)—Slave Receive and Transmit |