Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT666 Fiches technique(PDF) 2 Page - Hi-Sincerity Mocroelectronics

No de pièce HT666
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT666 Fiches technique(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HT666 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT666 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6464
Issued Date : 1993.09.07
Revised Date : 2005.02.15
Page No. : 2/4
HT666
HSMC Product Specification
Characteristics Curve
DC Current Gain
1
10
100
1000
1
10
100
1000
Collector current (mA)
Gain Bandwidth Product & Collector Current
10
100
1000
10000
110
100
Collector Current (mA)
Collector-Emitter Saturation Voltage
0.0
0.1
1.0
10.0
1
10
100
1000
Collector Current (mA)
Total Power Dissipation & Ambient
Temperature
0
200
400
600
800
0
25
50
75
100
125
150
175
200
Ta-Ambient Temperature
Base-Emitter Saturation Voltage
0.1
1
10
1
10
100
1000
Collector current (mA)



Html Pages

1 2 3 4