| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2155 Fiches technique(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155 Fiches technique(HTML) 37 Page - Microchip Technology |
|
37 / 40 page ![]() 2004-2024 Microchip Technology Inc. and its subsidiaries DS20001894D-page 37 MCP2122 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device MCP2122: Infrared Encoder/Decoder MCP2122T: Infrared Encoder/Decoder, Tape and Reel Temperature Range E = -40 C to +125C Package P = Plastic DIP (300 mil, Body), 8-lead SN = Plastic SOIC (150 mil, Body), 8-lead PART NO. X /XX Package Temperature Range Device Examples: a) MCP2122-E/P: Extended Temperature, 8L-PDIP package b) MCP2122-E/SN: Extended Temperature, 8L-SOIC package c) MCP2122T-E/SN: Tape and Reel, Extended Temperature, 8L-SOIC package – |