| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1630-E/MS Fiches technique(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1630-E/MS Fiches technique(HTML) 4 Page - Microchip Technology |
|
4 / 30 page ![]() MCP1630/MCP1630V DS20001896D-page 4 2004-2022 Microchip Technology Inc. and its subsidiaries Typical Application Circuit – MCP1630 +VBATT MCP1630 +5V Bias PIC16LF818 1/2 MCP6042 +8V to +15V Input Voltage MCP1630 NiMH Battery Charger and Fuel Gauge Application Diagram 4 NiMH Cells N-channel 1:1 SEPIC Converter Cin COUT A/D PWM OUT A/D VDD I2C™ To System +VBATT IBATT ISW 5.7V + VDD CC + +5V Bias 3V 0V 1/2 MCP6042 VDD + MOSFET MCP1700 3.0V SOT23 GND CS VEXT VIN COMP FB OSC IN VREF |