Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK003SF Fiches technique(PDF) 2 Page - AUK corp

No de pièce STK003SF
Description  N-channel Trench MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

STK003SF Fiches technique(HTML) 2 Page - AUK corp

  STK003SF Datasheet HTML 1Page - AUK corp STK003SF Datasheet HTML 2Page - AUK corp STK003SF Datasheet HTML 3Page - AUK corp STK003SF Datasheet HTML 4Page - AUK corp STK003SF Datasheet HTML 5Page - AUK corp STK003SF Datasheet HTML 6Page - AUK corp STK003SF Datasheet HTML 7Page - AUK corp STK003SF Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T5C043-000
2
STK003SF
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
±12
V
Drain current (DC) **
ID
3.6
A
Drain current (Pulsed) *
IDP
14.4
A
Total Power dissipation **
PD
0.35
W
Avalanche current (Single)
②
IAS
3.6
A
Single pulsed avalanche energy
②
EAS
14
mJ
Avalanche current (Repetitive)
①
IAR
4.3
A
Repetitive avalanche energy
①
EAR
1.3
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
** Device mounted on a glass-epoxy board
Characteristic
Symbol
Typ.
Max
Unit
Thermal
resistance
Junction-ambient
Rth(J-a) **
-
357
℃
/W



Html Pages

1 2 3 4 5 6 7 8