Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P89V52X2FN Fiches technique(PDF) 49 Page - NXP Semiconductors

No de pièce P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Fiches technique(HTML) 49 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 45Page - NXP Semiconductors P89V52X2FN Datasheet HTML 46Page - NXP Semiconductors P89V52X2FN Datasheet HTML 47Page - NXP Semiconductors P89V52X2FN Datasheet HTML 48Page - NXP Semiconductors P89V52X2FN Datasheet HTML 49Page - NXP Semiconductors P89V52X2FN Datasheet HTML 50Page - NXP Semiconductors P89V52X2FN Datasheet HTML 51Page - NXP Semiconductors P89V52X2FN Datasheet HTML 52Page - NXP Semiconductors P89V52X2FN Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
49 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
All other pins disconnected
Fig 28. IDD test condition, Idle mode
All other pins disconnected
Fig 29. IDD test condition, Power-down mode
002aaa557
VDD
VDD
VDD
P0
EA
RST
XTAL2
(n.c.)
clock
signal
XTAL1
VSS
IDD
8
002aaa558
VDD
VDD = 2 V
VDD
P0
EA
RST
XTAL2
(n.c.)
XTAL1
VSS
IDD
VDD
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56