| Moteur de recherche de fiches techniques de composants électroniques |
|
MB90347CE Fiches technique(PDF) 18 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90347CE Fiches technique(HTML) 18 Page - fujitsu semiconductor |
|
18 / 84 page ![]() MB90340E Series 18 ■ I/O CIRCUIT TYPE (Continued) Type Circuit Remarks A Oscillation circuit High-speed oscillation feedback resistor = approx. 1 M Ω B Oscillation circuit Low-speed oscillation feedback resistor = approx. 10 M Ω C • MASK ROM and evaluation products: CMOS hysteresis input pin • Flash memory products: CMOS input pin D MASK ROM and evaluation products: • CMOS hysteresis input pin • Pull-down resistor value: approx. 50 k Ω Flash memory products: • CMOS input pin • No pull-down E CMOS hysteresis input pin Pull-up resistor value: approx. 50 k Ω Standby control signal X1 X0 Xout Standby control signal X1A X0A Xout CMOS hysteresis inputs R Pull-down Resistor CMOS hysteresis inputs R Pull-up Resistor CMOS hysteresis inputs R |