Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G473VB Fiches technique(PDF) 50 Page - STMicroelectronics

No de pièce STM32G473VB
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473VB Fiches technique(HTML) 50 Page - STMicroelectronics

Back Button STM32G473VB Datasheet HTML 46Page - STMicroelectronics STM32G473VB Datasheet HTML 47Page - STMicroelectronics STM32G473VB Datasheet HTML 48Page - STMicroelectronics STM32G473VB Datasheet HTML 49Page - STMicroelectronics STM32G473VB Datasheet HTML 50Page - STMicroelectronics STM32G473VB Datasheet HTML 51Page - STMicroelectronics STM32G473VB Datasheet HTML 52Page - STMicroelectronics STM32G473VB Datasheet HTML 53Page - STMicroelectronics STM32G473VB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 229 page
background image
Pinouts and pin description
STM32G473xB STM32G473xC STM32G473xE
50/229
DS12712 Rev 5
4.4
LQFP80 pinout description
Figure 9. STM32G473xB/xC/xE LQFP80 pinout
1. The above figure shows the package top view.
MSv60826V1
LQFP80
54
52
51
50
49
48
47
46
45
44
43
42
41
53
PC8
PC6
VDD
VSS
PD10
PD9
PD8
PB15
PB14
PB13
PB12
PB11
VDD
PC7
PC1
PC2
PC3
PA0
PA1
PA2
VSS
9
10
11
12
13
14
15
16
17
55
56
57
PA9
PC9
PA8
PC13
2
VBAT
1
PC14-OSC32_IN
3
PC15-OSC32_OUT
4
PF0-OSC_IN
5
PF1-OSC_OUT
6
PG10-NRST
7
PC0
8
20
18
19
VDD
PA4
PA5
PA6
PA3
60
PA12
59
PA11
58
PA10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More