Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G473MB Fiches technique(PDF) 110 Page - STMicroelectronics

No de pièce STM32G473MB
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473MB Fiches technique(HTML) 110 Page - STMicroelectronics

Back Button STM32G473MB Datasheet HTML 106Page - STMicroelectronics STM32G473MB Datasheet HTML 107Page - STMicroelectronics STM32G473MB Datasheet HTML 108Page - STMicroelectronics STM32G473MB Datasheet HTML 109Page - STMicroelectronics STM32G473MB Datasheet HTML 110Page - STMicroelectronics STM32G473MB Datasheet HTML 111Page - STMicroelectronics STM32G473MB Datasheet HTML 112Page - STMicroelectronics STM32G473MB Datasheet HTML 113Page - STMicroelectronics STM32G473MB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 229 page
background image
Electrical characteristics
STM32G473xB STM32G473xC STM32G473xE
110/229
DS12712 Rev 5
APB2
SAI1
2.67
2.48
2.05
2.64
µA/MHz
SPI1
1.99
1.86
1.54
2.02
SPI4
1.99
1.86
1.54
2.02
TIM1
10.85
10.13
8.40
9.93
TIM8
10.67
9.96
8.25
9.82
TIM15
4.81
4.48
3.71
4.57
TIM16
3.71
3.45
2.88
3.45
TIM17
3.66
3.41
2.83
3.81
TIM20
10.71
9.99
8.29
10.00
USART1
2.49
2.31
1.91
2.49
SYSCFG/COMP/OPAMP/VREFBUF
1.63
1.52
1.25
0.91
Table 35. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More