Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32G473MB Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce STM32G473MB
Description  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G473MB Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button STM32G473MB Datasheet HTML 50Page - STMicroelectronics STM32G473MB Datasheet HTML 51Page - STMicroelectronics STM32G473MB Datasheet HTML 52Page - STMicroelectronics STM32G473MB Datasheet HTML 53Page - STMicroelectronics STM32G473MB Datasheet HTML 54Page - STMicroelectronics STM32G473MB Datasheet HTML 55Page - STMicroelectronics STM32G473MB Datasheet HTML 56Page - STMicroelectronics STM32G473MB Datasheet HTML 57Page - STMicroelectronics STM32G473MB Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 229 page
background image
Pinouts and pin description
STM32G473xB STM32G473xC STM32G473xE
54/229
DS12712 Rev 5
4.9
UFBGA121 pinout description
Figure 14. STM32G473xB/xC/xE UFBGA121 pinout
1. The above figure shows the package top view.
MS52876V1
PE4
PE2
VDD
PB9
PB6
PB3
PD4
VDD
PD1
PA15
PF6
123456789
10
11
A
B
C
D
E
F
G
H
J
K
L
PE5
PE3
VSS
PE0
PB5
PD7
PD3
VSS
PD0
PA14
PA13
PC13
VBAT
PE6
PE1
PB7
PC11
PC10
VSS
VDD
PC14-
OSC32_IN
PC15-
OSC32_OUT
PF3
PA12
PA11
VDD
VSS
PF5
PG4
PG3
PF0-OSC_IN
PF1-
OSC_OUT
PC7
PC1
PC0
VDD
PC3
PF2
PA1
PD9
PD10
VDD
VSS
PA2
PB14
PB13
PA3
PA5
PB2
VSSA
PE12
PE14
VSS
VDD
PA4
PA6
PC4
VREF+
VDDA
VDD
PE7
PE11
PE15
PB10
PB11
PF4
PB8-BOOT0
PD6
PC12
PB4
PD2
PA9
PA10
PC9
PC8
PD5
PA8
PF7
PF8
PF9
PC6
PG1
PG0
PD15
PG2
PF10
PG10-NRST
PC2
PD14
PD12
PD13
PF15
PD11
PA0
PB1
PB15
PD8
PF14
PE10
PC5
PE13
PB12
PF13
PE9
PB0
PF11
VSS
PE8
PF12
PA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More