Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB95F124JB Fiches technique(PDF) 21 Page - fujitsu semiconductor

No de pièce MB95F124JB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB95F124JB Fiches technique(HTML) 21 Page - fujitsu semiconductor

Back Button MB95F124JB Datasheet HTML 17Page - fujitsu semiconductor MB95F124JB Datasheet HTML 18Page - fujitsu semiconductor MB95F124JB Datasheet HTML 19Page - fujitsu semiconductor MB95F124JB Datasheet HTML 20Page - fujitsu semiconductor MB95F124JB Datasheet HTML 21Page - fujitsu semiconductor MB95F124JB Datasheet HTML 22Page - fujitsu semiconductor MB95F124JB Datasheet HTML 23Page - fujitsu semiconductor MB95F124JB Datasheet HTML 24Page - fujitsu semiconductor MB95F124JB Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
MB95120MB Series
21
■ BLOCK DIAGRAM
P14/PPG0
P65/SEG37/SCK
P67/SEG39/SIN
AVCC
AVSS
AVR
P50/SCL0
P51/SDA0
P40/AN08 to P43/AN11
P30/AN00 to P37/AN07
P21/PPG01
P22/TO00
P23/TO01
P24/EC0
P12/UCK0
P62/SEG34/TO10
PE7/SEG31/INT13
P63/SEG35/TO11
P00/INT00 to P07/INT07
P10/UI0
P64/SEG36/EC1
P71/TI0
P66/SEG38/SOT
P70/TO0
RST
X0/X1
X0A/X1A
MOD, VCC,Vss,C
P13/TRG0/ADTG
P20/PPG00
P11/UO0
UART/SIO
1 channel
I2C
1 channel
LIN-UART
1 channel
ROM (60 Kbytes)
RAM (2 Kbytes)
F
2
MC-8FX CPU
P61/SEG33/PPG11
P60/SEG32/PPG10
P52/PPG1
P53/TRG1
P90/V3 to P93/V0
P94/P95
PA0/COM0 to PA3/COM3
PB0/SEG00 to PB7/SEG07
PC0/SEG08 to PC7/SEG15
PD0/SEG16 to PD7/SEG23
PE0/SEG24 to PE3/SEG27
PE4/SEG28/INT10
PE5/SEG29/INT11
PE6/SEG30/INT12
16-bit PPG ch.0
1 channel
8/16-bit PPG ch.0
1 channel
8/10-bit
A/D converter
12 channels
8/16-bit PPG ch.1
1 channel
Port
Port
External interrupt ch.8 to ch.11
4 channels
8/16-bit compound
timer ch.0
1 channel
16-bit reload timer
1 channel
8/16-bit
compound timer ch.1
1 channel
Interrupt control
Wild register
Reset control
Clock control
Watch prescaler
Watch counter
External interrupt ch.0 to ch.7
8 channels
Other pins
16-bit PPG ch.1
1 channel
LCDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com