| Moteur de recherche de fiches techniques de composants électroniques |
|
MB89183LPF Fiches technique(PDF) 13 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB89183LPF Fiches technique(HTML) 13 Page - fujitsu semiconductor |
|
13 / 48 page ![]() MB89180L Series 13 s I/O CIRCUIT TYPE (Continued) Type Circuit Remarks A Main clock (main clock crystal oscillator) • At an oscillation feedback resistor of approximately 1 M Ω • CR oscillation is selectable. (MB8918X only) B Subclock (subclock crystal oscillator) • At an oscillation feedback resistor of approximately 4.5 M Ω C • Hysteresis input • The pull-down resistor (R) is approximately 50 k Ω for MB89183L/185L only. D • At an output pull-up resistor (P-ch) of approximately 50 k Ω • Hysteresis input E • CMOS output • CMOS input • The peripheral is a hysteresis input type. • Pull-up resistor optional (except MB89PV180) Approximately 50 k Ω F • CMOS output • CMOS input • Pull-up resistor optional (except MB89PV180) Approximately 50 k Ω X1 X0 N-ch P-ch P-ch N-ch X1A X0A N-ch P-ch P-ch N-ch N-ch R P-ch N-ch R P-ch N-ch R P-ch Port Peripheral P-ch N-ch R P-ch Port |