Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCS-7316XFM-R Fiches technique(PDF) 50 Page - Arista Networks, Inc

No de pièce DCS-7316XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARISTA [Arista Networks, Inc]
Site Internet  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7316XFM-R Fiches technique(HTML) 50 Page - Arista Networks, Inc

Back Button DCS-7316XFM-R Datasheet HTML 46Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 49Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 50Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 51Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 52Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 53Page - Arista Networks, Inc DCS-7316XFM-R Datasheet HTML 54Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
B.2.2
Inserting Fan-only Modules
The fabric module insertion process is the inverse of the removal procedure. These instructions
describe the method of inserting the fabric module into a chassis.
1. Grasping the module by its frame, place the module chassis railing that corresponds to the slot
where it is to be placed. The lock-levers should be in the closed position.
2. Slide the module into the chassis until it is within three to four inches of being fully inserted.
3. Extend the lock-levers towards the top and bottom of the chassis.
4. Continue inserting the module into the chassis.
5. Return the lock-levers to the closed position, securing the module to the chassis.
6. Secure each lock-lever handle to the module by inserting the release screw into the module body
and rotating clockwise.
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66