Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCS-7304-SFAN-R Fiches technique(PDF) 17 Page - Arista Networks, Inc

No de pièce DCS-7304-SFAN-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARISTA [Arista Networks, Inc]
Site Internet  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7304-SFAN-R Fiches technique(HTML) 17 Page - Arista Networks, Inc

Back Button DCS-7304-SFAN-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 16Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 17Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 18Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 19Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 20Page - Arista Networks, Inc DCS-7304-SFAN-R Datasheet HTML 21Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 66 page
background image
Chapter
3
Rack Mounting the Switch
Important: The rack mounting procedure is identical for all modular switches. Illustrations in
this chapter depict the mounting of an unpopulated DCS-7304 chassis.
Les procédure de montage du bâti est identique pour tous les commutateurs modulaires.
Illustrations dans ce chapitre montrent le montage d’un châssis de DCS-7304 inhabité.
•
Two-Post Rack Mount provides instructions for mounting the switch in a two-post rack.
•
Four-Post Rack Mount provides instructions for mounting the switch in a four-post rack.
After completing the instructions for your rack type, proceed to Powering the Modular Switch .
3.1
Two-Post Rack Mount
To mount the switch to a two-post rack, assemble mounting brackets to the middle of the chassis, then
attach the brackets to the rack.
Important: Two-post rack mount parts are only available through your sales representative.
Two-post rack mounting is not supported for DCS-7316 switches.
Pièces de montage rack à deux montants sont uniquement disponibles par l’intermédiaire de
votre représentant des ventes. Montage en rack de deux-poteau n’est pas supporté pour les
commutateurs DCS-7316.
The accessory kit includes the following two-post mounting parts:
•
2 center-mount brackets.
•
16 (DCS-7304) or 20 (DCS-7308) M4x8 panhead Phillips screws.
3.1.1
Attaching Mounting Brackets to the Chassis
1. Orient the switch chassis and the two center-mount brackets (Figure 2: Attaching the Center-mount
Brackets).
Figure 2: Attaching the Center-mount Brackets
Position the flanges that attach to the rack posts toward the front of the chassis.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66