Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

502.500 Fiches technique(PDF) 6 Page - France Joint

No de pièce 502.500
Description  PISTON SEALS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

502.500 Fiches technique(HTML) 6 Page - France Joint

  502.500 Datasheet HTML 1Page - France Joint 502.500 Datasheet HTML 2Page - France Joint 502.500 Datasheet HTML 3Page - France Joint 502.500 Datasheet HTML 4Page - France Joint 502.500 Datasheet HTML 5Page - France Joint 502.500 Datasheet HTML 6Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
500.370
370.00
345.50
8.10
502.370
370.00
349.00
8.10
504.380
380.00
352.00
9.50
500.380
380.00
355.50
8.10
502.380
380.00
359.00
8.10
504.390
390.00
362.00
9.50
500.390
390.00
365.50
8.10
502.390
390.00
369.00
8.10
504.400
400.00
372.00
9.50
500.400
400.00
375.50
8.10
502.400
400.00
379.00
8.10
504.410
410.00
382.00
9.50
500.410
410.00
385.50
8.10
502.410
410.00
389.00
8.10
504.420
420.00
392.00
9.50
500.420
420.00
395.50
8.10
502.420
420.00
399.00
8.10
504.430
430.00
402.00
9.50
500.430
430.00
405.50
8.10
502.430
430.00
409.00
8.10
504.440
440.00
412.00
9.50
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h9
Groove
width
L1 0/+0.20
500.440
440.00
415.50
8.10
502.440
440.00
419.00
8.10
504.450
450.00
422.00
9.50
500.450
450.00
425.50
8.10
502.450
450.00
429.00
8.10
504.460
460.00
432.00
9.50
500.460
460.00
435.50
8.10
502.460
460.00
439.00
8.10
504.470
470.00
442.00
9.50
500.470
470.00
445.50
8.10
502.470
470.00
449.00
8.10
504.480
480.00
452.00
9.50
500.480
480.00
455.50
8.10
502.480
480.00
459.00
8.10
504.490
490.00
462.00
9.50
500.490
490.00
465.50
8.10
502.490
490.00
469.00
8.10
504.500
500.00
472.00
9.50
500.500
500.00
475.50
8.10
502.500
500.00
479.00
8.10
The figures highlighted in bold correspond to the dimensions for standard ISO 7425/1, with the bore diameters in line with standard ISO 3320.
Other intermediate sizes can be provided.
HYDRAULIC SEALS | PISTON SEALS |
BECA 500 - 502 - 504



Html Pages

1 2 3 4 5 6