Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

131.015040 Fiches technique(PDF) 2 Page - France Joint

No de pièce 131.015040
Description  GAMMA SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

131.015040 Fiches technique(HTML) 2 Page - France Joint

  131.015040 Datasheet HTML 1Page - France Joint 131.015040 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L1
L3
L2
C
|
DIMENSIONS
Part number
Shaft diameter
Ød1  h9
Outside
diameter
ØD
Width
L1
Width
L3
Bore diameter
Øda max
Bore diameter
Ødb
Bore diameter
Ødc
131.015040
15.00
32.00
4.00
3.00
21.00
29.00
34.00
131.017040
17.00
34.00
4.00
3.00
23.00
31.00
36.00
131.020040
20.00
37.00
4.00
3.00
26.00
34.00
39.00
131.025040
25.00
42.00
4.00
3.00
31.00
39.00
44.00
131.028040
28.00
45.00
4.00
3.00
33.00
42.00
47.00
131.029040
29.00
39.00
4.00
3.00
34.00
43.00
48.00
131.030045
30.00
48.00
4.50
3.00
37.00
45.00
50.00
131.035045
35.00
53.00
4.50
3.00
42.00
50.00
55.00
131.040045
40.00
58.00
4.50
3.00
47.00
55.00
60.00
131.045045
45.00
63.00
4.50
3.00
52.00
60.00
65.00
131.050055
50.00
72.00
5.50
3.00
58.00
68.50
74.00
131.055055
55.00
77.00
5.50
3.00
63.00
73.50
79.00
131.060055
60.00
82.00
5.50
3.00
68.00
78.50
84.00
131.065055
65.00
87.00
5.50
3.00
73.00
83.50
89.00
131.070055
70.00
92.00
5.50
3.00
78.00
88.50
94.00
131.075055
75.00
97.00
5.50
3.00
83.00
93.50
99.00
131.080055
80.00
102.00
5.50
3.00
88.00
98.50
104.00
131.085055
85.00
107.00
5.50
3.00
93.00
103.50
109.00
131.090055
90.00
112.00
5.50
3.00
98.00
108.50
114.00
131.095055
95.00
117.00
5.50
3.00
103.00
113.50
119.00
131.100055
100.00
122.00
5.50
3.00
108.00
118.50
124.00
ROTARY SEALS | GAMMA SEALS |
BECA 131
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2