| Moteur de recherche de fiches techniques de composants électroniques |
|
IP2002PBF Fiches technique(PDF) 11 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IP2002PBF Fiches technique(HTML) 11 Page - International Rectifier |
|
11 / 12 page ![]() www.irf.com 11 iP2002PbF Mechanical Drawing 0.15 [.006] C 0.12 [.005] C 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONTROLLING DIMENSION: MILLIMETER 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. NOTES: B A 0.15 [.006] C 4X 22X 0.15 [.006] C A B 0.08 [.003] C 133X Ø 0.55 [.0216] 0.45 [.0178] 2X 2X TOP VIEW BOTTOM VIEW SIDE VIEW C PACKAGE BODY. BALL DIAMETER, IN A PLANE PARALLEL TO DATUM C. SPHERICAL CROWNS OF THE SOLDER BALLS. 4. SOLDER BALL POSITION DESIGNATION PER JESD 95-1, SPP-010. 7 SOLDER BALL DIAMETER IS MEASURED AT THE MAXIMUM SOLDER 5 PRIMARY DATUM C (SEATING PLANE) IS DEFINED BY THE 6 BILATERAL TOLERANCE ZONE IS APPLIED TO EACH SIDE OF THE 7 5 6 6 BALL A1 CORNER ID 11.00 [.433] 0.40 [.016] 0.80 [.032] 11.00 [.433] 2.76 [.1087] 2.46 [.0969] 2.31 [.0909] 2.11 [.0831] (4X 1.1 [.043]) 0.45 [.0177] 0.35 [.0138] |