Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL4CE211 Fiches technique(PDF) 2 Page - AverLogic Technologies Inc

No de pièce AL4CE211
Description  512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVERLOGIC [AverLogic Technologies Inc]
Site Internet  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4CE211 Fiches technique(HTML) 2 Page - AverLogic Technologies Inc

  AL4CE211 Datasheet HTML 1Page - AverLogic Technologies Inc AL4CE211 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC.
TEL
: 1 408 361-0400
e-mail: sales@averlogic.com
URL: www.averlogic.com
March 26, 2002
(512, 1k ,2k,
4k, 8k) x9
Memory
Array
Input
Buffer
Output
Buffer
Write
Control
Logic
Read
Control
Logic
Flag Logic
Control Logic
Write Pointer
Read Pointer
Offset
Regissers
Reset Logic
Input data bus
Output data bus
/OE
WCLK
/WEN
/LD
/RS
RCLK
/REN
/FF
/EF
/PAF
/PAE
/RT
Figure 1. AL4CE2x1 FIFO Block Diagram
The 9bit input and output ports operate
independently at a maximum speed of 133
MHz.
The built-in address decoder and
pointer
managing
circuits
provide
a
straightforward
bus
interface
to
serially
read/write memory that reduces inter-chip
design efforts. The AL4CE2x1 embedded
memory array and high performance process
technologies
with
extended
controller
functions (read skip, fixed and programmable
status flags.. etc.) offer flexible memory
management.
These FIFOs support 9bit input and output
data bus-width that is controlled by separate
clock and enable signals respectively.
The
input data is acquired at each rising edge of a
free running write clock while a write enable
control pin is asserted.
The output data is
available after each rising edge of a free
running read clock while a read enable and
output enable control pins are asserted. When
output enable (/OE) is LOW, the data output
bus is active. If /OE is HIGH, the output data
bus will be in a high-impedance. This signal
can control whether the data is going to be
skipped during the read operation.
The FIFO Full/Empty and programmable
Almost Full/Almost Empty flags are functions
that
can
help
controlling
software
to
manipulate the FIFO more easily or to do
retransmit operation.
And the Retransmit
function allows data to be reread from the
FIFO more than once.
These chips are available as a 32pin TQFP
Package
DISTRIBUTED BY:



Html Pages

1 2