Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TISP4290LP Fiches technique(PDF) 4 Page - Power Innovations Ltd

No de pièce TISP4290LP
Description  SYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP4290LP Fiches technique(HTML) 4 Page - Power Innovations Ltd

  TISP4290LP Datasheet HTML 1Page - Power Innovations Ltd TISP4290LP Datasheet HTML 2Page - Power Innovations Ltd TISP4290LP Datasheet HTML 3Page - Power Innovations Ltd TISP4290LP Datasheet HTML 4Page - Power Innovations Ltd TISP4290LP Datasheet HTML 5Page - Power Innovations Ltd TISP4290LP Datasheet HTML 6Page - Power Innovations Ltd TISP4290LP Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TISP4290LP
SYMMETRICAL TRANSIENT
VOLTAGE SUPPRESSORS
4
APRIL 1987 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
LP003 (TO-92)
3-pin cylindical plastic package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
ALL LINEAR DIMENSIONS IN MILLIMETERS
12,7 MIN.
2,03
2,67
4,44
5,21
3,43 MIN.
4,32
5,34
0,40
0,56
1,14
1,40
2,41
2,67
0,35
0,41
2,03
2,67
3,17
4,19
(see Note A)
Seating Plane
1
2
3
LP003 (TO-92)
LP003 Falls Within JEDEC
TO-226AA Dimensions
MDXXAX
1,27
NOTE A: Lead dimensions are not controlled in this area.



Html Pages

1 2 3 4 5 6 7