| Moteur de recherche de fiches techniques de composants électroniques |
|
FT8U100AX Fiches technique(PDF) 21 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT8U100AX Fiches technique(HTML) 21 Page - Future Technology Devices International Ltd. |
|
21 / 25 page ![]() Future Technology Devices Intl. FT8U100AX Product Data Rev 0.90 Page 21 IRQ Source Register Address = DFh r/o Bit - 0 timer Bit - 1 serial 1 Bit - 2 serial 2 Bit - 3 SIE Bit - 4 HUB Bit - 5 PS/2 Keyboard Bit - 6 USB Port Bit - 7 Generic two wire serial interface PS/2 Keyboard/mouse Control ports Address = F4h r/w Write: bit 0 - set output shift register to load bit 1 - set output shift register to shift bit 2 - invert keyboard clock coming in bit 3 - reset input shift register and keyboard clock disable bit 4 - 0 resets port60wr interrupt signal bit 5 - 0 resets port64wr interrupt signal bit 6 - 0 resets keyboard send interrupt signal bit 7 - Read: bit 0 - keyboard clock line in bit 1 - keyboard data line in bit 2 - Output Buffer Full status 64 bit 0 bit 3 - Input Buffer Full status 64 bit 1 bit 4 - port60wr interrupt signal bit 5 - port64wr interrupt signal bit 6 – keyboard send interrupt signal bit 7 - |