Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

005.0220175 Fiches technique(PDF) 4 Page - France Joint

No de pièce 005.0220175
Description  WEAR RINGS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

005.0220175 Fiches technique(HTML) 4 Page - France Joint

  005.0220175 Datasheet HTML 1Page - France Joint 005.0220175 Datasheet HTML 2Page - France Joint 005.0220175 Datasheet HTML 3Page - France Joint 005.0220175 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h8
Groove
width
L1 0/+0.20
Seal
thickness
E
005.1751709
175.00
170.00
9.70
2.50
005.1751702
175.00
170.00
25.00
2.50
005.1801759
180.00
175.00
9.70
2.50
005.1801751
180.00
175.00
15.00
2.50
005.1801752
180.00
175.00
25.00
2.50
005.1851809
185.00
180.00
9.70
2.50
005.1851801
185.00
180.00
15.00
2.50
005.1851802
185.00
180.00
25.00
2.50
005.1901859
190.00
185.00
9.70
2.50
005.1901851
190.00
185.00
15.00
2.50
005.1901852
190.00
185.00
25.00
2.50
005.1951909
195.00
190.00
9.70
2.50
005.1951901
195.00
190.00
15.00
2.50
005.1951902
195.00
190.00
25.00
2.50
005.2001959
200.00
195.00
9.70
2.50
005.2001951
200.00
195.00
15.00
2.50
005.2001952
200.00
195.00
25.00
2.50
005.2052009
205.00
200.00
9.70
2.50
005.2052001
205.00
200.00
15.00
2.50
005.2052002
205.00
200.00
25.00
2.50
005.2102059
210.00
205.00
9.70
2.50
005.2102051
210.00
205.00
15.00
2.50
005.2102052
210.00
205.00
25.00
2.50
005.2152109
215.00
210.00
9.70
2.50
005.2152101
215.00
210.00
15.00
2.50
005.2152102
215.00
210.00
25.00
2.50
005.2202159
220.00
215.00
9.70
2.50
005.2202151
220.00
215.00
15.00
2.50
005.2202152
220.00
215.00
25.00
2.50
005.2252209
225.00
220.00
9.70
2.50
005.2252201
225.00
220.00
15.00
2.50
005.2252202
225.00
220.00
25.00
2.50
005.2302259
230.00
225.00
9.70
2.50
005.2302251
230.00
225.00
15.00
2.50
005.2302252
230.00
225.00
25.00
2.50
005.2352309
235.00
230.00
9.70
2.50
005.2352301
235.00
230.00
15.00
2.50
005.2352302
235.00
230.00
25.00
2.50
005.2402359
240.00
235.00
9.70
2.50
005.2402351
240.00
235.00
15.00
2.50
005.2402352
240.00
235.00
25.00
2.50
005.2452409
245.00
240.00
9.70
2.50
005.2452401
245.00
240.00
15.00
2.50
005.2452402
245.00
240.00
25.00
2.50
005.2502459
250.00
245.00
9.70
2.50
005.2502451
250.00
245.00
15.00
2.50
005.2502452
250.00
245.00
25.00
2.50
005.2552501
255.00
250.00
15.00
2.50
005.2552502
255.00
250.00
25.00
2.50
005.2602551
260.00
255.00
15.00
2.50
005.2602552
260.00
255.00
25.00
2.50
Part number
Bore
diameter
ØD1 H9
Groove
diameter
Ød1 h8
Groove
width
L1 0/+0.20
Seal
thickness
E
005.2652601
265.00
260.00
15.00
2.50
005.2652602
265.00
260.00
25.00
2.50
005.2702651
270.00
265.00
15.00
2.50
005.2702652
270.00
265.00
25.00
2.50
005.2752701
275.00
270.00
15.00
2.50
005.2752702
275.00
270.00
25.00
2.50
005.2802751
280.00
275.00
15.00
2.50
005.2802752
280.00
275.00
25.00
2.50
005.2852801
285.00
280.00
15.00
2.50
005.2852802
285.00
280.00
25.00
2.50
005.2902851
290.00
285.00
15.00
2.50
005.2902852
290.00
285.00
25.00
2.50
005.2952901
295.00
290.00
15.00
2.50
005.2952902
295.00
290.00
25.00
2.50
005.3002951
300.00
295.00
15.00
2.50
005.3002952
300.00
295.00
25.00
2.50
005.3053001
305.00
300.00
15.00
2.50
005.3053002
305.00
300.00
25.00
2.50
005.3103051
310.00
305.00
15.00
2.50
005.3103052
310.00
305.00
25.00
2.50
005.3153101
315.00
310.00
15.00
2.50
005.3153102
315.00
310.00
25.00
2.50
005.3203151
320.00
315.00
15.00
2.50
005.3203152
320.00
315.00
25.00
2.50
005.3253201
325.00
320.00
15.00
2.50
005.3253202
325.00
320.00
25.00
2.50
005.3303251
330.00
325.00
15.00
2.50
005.3303252
330.00
325.00
25.00
2.50
005.3353301
335.00
330.00
15.00
2.50
005.3353302
335.00
330.00
25.00
2.50
005.3403351
340.00
335.00
15.00
2.50
005.3403352
340.00
335.00
25.00
2.50
005.3453401
345.00
340.00
15.00
2.50
005.3453402
345.00
340.00
25.00
2.50
005.3503451
350.00
345.00
15.00
2.50
005.3503452
350.00
345.00
25.00
2.50
005.3603551
360.00
355.00
15.00
2.50
005.3603552
360.00
355.00
25.00
2.50
005.3703651
370.00
365.00
15.00
2.50
005.3703652
370.00
365.00
25.00
2.50
005.3803751
380.00
375.00
15.00
2.50
005.3803752
380.00
375.00
25.00
2.50
005.3903851
390.00
385.00
15.00
2.50
005.3903852
390.00
385.00
25.00
2.50
005.4003951
400.00
395.00
15.00
2.50
005.4003952
400.00
395.00
25.00
2.50
005.4504451
450.00
445.00
15.00
2.50
005.4504452
450.00
445.00
25.00
2.50
005.5004951
500.00
495.00
15.00
2.50
005.5004952
500.00
495.00
25.00
2.50
The figures highlighted in bold correspond to the dimensions for standard ISO 10766, with the bore diameters in line with standard ISO 3320.
Other intermediate sizes can be provided.
GUIDING COMPONENTS | WEAR RINGS |
BECA 005 PISTON
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4