Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN-7011M-R Fiches technique(PDF) 2 Page - Arista Networks, Inc

No de pièce FAN-7011M-R
Description  7050X3 MACsec Data Center Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARISTA [Arista Networks, Inc]
Site Internet  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7011M-R Fiches technique(HTML) 2 Page - Arista Networks, Inc

  FAN-7011M-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 4Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 5Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 6Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 7Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 8Page - Arista Networks, Inc FAN-7011M-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Arista 7050CX3M-32S:
32x 100G QSFP100 ports, 2 SFP+ ports
7050X3 MACsec | Model Overview
High Availability
The Arista 7050CX3M series switches are designed for high availability
from both a software and hardware perspective. Key high availability
features include
• 1+1 hot-swappable power supplies and three N+1 hot-swap fans
• Color coded PSU’s and fans
• Live software patching
• Self healing software with Stateful Fault Repair (SFR)
• Smart System Upgrade (SSU)
• Multi-chassis LAG for active/active L2 multi-pathing
• 128-way ECMP routing for load balancing and redundancy
Model Overview
The Arista 7050X3 MACsec systems deliver high performance combined with feature rich layer 2 and layer 3 forwarding, suited for both
top of rack leaf, or xed con guration spines, connecting to existing and next generation systems with a choice of interface speeds.
Dynamic Bu er Allocation
In cut-through mode, the Arista 7050CX3M switches forward packets with a consistent low latency of 800 nanoseconds. Upon
congestion, the packets are bu ered in an intelligent fully shared packet memory that has a total size of 32MB for superior burst
absorption. Unlike other architectures that have xed per-port packet memory, the 7050X3 Series use dynamic thresholds to allocate
packet memory based on tra c class, queue depth and quality of service policy ensuring a fair allocation to all ports of both lossy and
lossless classes. Bu er utilization, occupancy and thresholds are all visible with Arista LANZ and can be exported to monitoring tools to
identify hotspots and measure latency at the device and end to end.
100G Wire-speed Encryption
Industry standard IEEE 802.1AE (MAC Security standard, referred to as MACsec) capabilities provide line-rate frame encryption and
authentication for all tra c. This removes the need for additional encryption devices and ensures con dentiality as well as provides
anti-replay protection and therefore con dence in the integrity of encrypted tra c. MACsec is a link layer encryption technology and
operates at the speed of the Ethernet ports, providing high performance without the processing overheads associated with encryption
options such as IPSec.
MACsec uses a long-term key to derive session keys used for encryption utilizing the MACsec Key Agreement Protocol per IEEE
802.1X-2010. Long term keys can either be statically de ned or derived via RADIUS server(s). Data is encrypted using the 128 bit or 256-
bit GCM-AES-XPN block cipher suite. MACsec encryption is a EOS licensed feature and requires a license le to enable the encryption
feature. License information is included in the ordering information section of this document. The 7050CX3M enables MACsec at a
range of speeds, including 10G, 25G, 40G and 100G, determined by the operation of the QSFP ports mode.
Arista 7050CX3M-32S 1RU Rear View - Front to rear air ow
The 7050CX3M-32S is a 1RU system with 32 100G QSFP ports o ering wire speed
throughput of up to 6.4 Tbps bi-directional with wire speed encryption on all QSFP
ports. Each QSFP port supports a choice of 5 speeds with exible con guration
between 100GbE, 40GbE, 4x10GbE, 4x25GbE or 2x50GbE modes for up to 128 ports of
10GbE and 25GbE or 64 ports of 50GbE. All ports can operate in any supported mode
without limitation, allowing easy migration from lower speeds and the exibility for
leaf or spine deployment. Two additional SFP+ ports provide 1/10G support for out of
band and management network connections.
7050CX3M-32S hot swap fans and power supplies



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com