Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

720XP-2RU Fiches technique(PDF) 17 Page - Arista Networks, Inc

No de pièce 720XP-2RU
Description  720XP Series 2 RU Cognitive Campus Switches
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARISTA [Arista Networks, Inc]
Site Internet  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-2RU Fiches technique(HTML) 17 Page - Arista Networks, Inc

Back Button 720XP-2RU Datasheet HTML 13Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 14Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 15Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 16Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 17Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 18Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 19Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 20Page - Arista Networks, Inc 720XP-2RU Datasheet HTML 21Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
Cabling the Switch
Figure 6: Front Panel Ports
1 Ethernet management port
2 USB port
3 Console serial port
Connect the front panel ports as follows:
•
Console (Serial) Port: Connect to a PC with the RJ-45 to DB-9 serial adapter cable. The switch
uses the following default settings:
•
9600 baud
•
No flow control
•
1 stop bit
•
No parity bits
•
8 data bits
•
Ethernet Management Port: Connect to 10/100/1000 management network with RJ-45 Ethernet
cable.
•
USB Port: The USB port may be used for software or configuration updates.
Important:
Excessive bending can damage interface cables, especially optical cables.
Flexion excessive peut endommager les câbles d'interface, notamment des câbles optiques.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34