| Moteur de recherche de fiches techniques de composants électroniques |
|
5000 Fiches technique(PDF) 24 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
5000 Fiches technique(HTML) 24 Page - Arista Networks, Inc |
|
24 / 43 page ![]() Configuring the Router 7. Assign a password to the admin username with the username secret command. In this example, the assigned password is "pxq123". localhost(config)# username admin secret pxq123 8. Configure a default route to the network gateway. In this example, the default route is 192.0.2.1. localhost(config)# ip route 0.0.0.0/0 192.0.2.1 9. Assign an IP address to an Ethernet management-port. In this example, the IP address is192.0.2.8/24. localhost(config)# interface management 1/1 localhost(config-if-Ma1/1)# ip address 192.0.2.8/24 10. Save the configuration by typing write memory or copy running-config startup-config. localhost# copy running-config startup-config 11. When the management-port IP address is configured, use the following command to access the router from a host, using the address configured in Step 9. ssh admin@192.0.2.8 Refer to the Arista Networks User Manual for the complete router configuration information. 21 |