Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PUSB3FC4 Fiches technique(PDF) 9 Page - Nexperia B.V. All rights reserved

No de pièce PUSB3FC4
Description  Very low capacitance unidirectional ESD protection diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FC4 Fiches technique(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Nexperia
PUSB3FC4
Very low capacitance unidirectional ESD protection diode array
12. Soldering
SOT1165-3
Footprint information for reflow soldering of DFN2510-10 package
sot1165-3_fr
occupied area
solder paste
solder resist
solder land
Dimensions in mm
Issue date
recommended stencil thickness: 0.10 mm
24-03-08
0.7
(10×)
0.6
(10×)
0.55
(10×)
0.2
0.1
1.3
1.4
1.6
0.2
0.3
0.2
(8×)
0.3
(8×)
0.5
2.2
0.2
0.1
0.32
(2×)
0.4
(2×)
0.5
(2×)
2.5
2.8
Fig. 12. Reflow soldering footprint for DFN2510-10 (SOT1165-3)
PUSB3FC4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
18 September 2024
9 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12