Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TYN612M Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TYN612M
Description  12 A SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN612M Fiches technique(HTML) 2 Page - STMicroelectronics

  TYN612M_07 Datasheet HTML 1Page - STMicroelectronics TYN612M_07 Datasheet HTML 2Page - STMicroelectronics TYN612M_07 Datasheet HTML 3Page - STMicroelectronics TYN612M_07 Datasheet HTML 4Page - STMicroelectronics TYN612M_07 Datasheet HTML 5Page - STMicroelectronics TYN612M_07 Datasheet HTML 6Page - STMicroelectronics TYN612M_07 Datasheet HTML 7Page - STMicroelectronics TYN612M_07 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
TYN612M
2/8
1
Characteristics
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified)
Symbol
Test Conditions
Value
Unit
IGT
VD = 12 V
RL = 140 Ω
MIN.
1.5
mA
MAX.
5
VGT
VD = 12 V
RL = 140 Ω
MIN.
0.5
V
TYP.
0.7
MAX.
1.3
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
MIN.
0.2
V
IH
IT = 500 mA Gate open
MAX.
20
mA
IL
IG = 1.2 IGT
MAX.
40
mA
dV/dt
VD = 67 % VDRM Gate open
Tj =125° C
MIN.
50
V/µs
VTM
ITM = 24 A tp = 380 µs
Tj = 25° C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125° C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125° C
MAX.
30
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
5µA
Tj = 125° C
2
mA
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
TO-220AB
1.3
° C/W
TO-220FPAB
4.5
Rth(j-a)
Junction to ambient (DC)
TO-220AB
55
° C/W
TO-220FPAB
55
Figure 1.
Maximum average power
dissipation versus average
on-state current
Figure 2.
Average and D.C. on-state current
versus case temperature
(TO-220AB)
0
1
2
3
4
5
6
7
8
9
10
11
12
012
3456
78
9
P(W)
I
(A)
T(AV)
α = 180°
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
25
50
75
100
125
I
(A)
T(AV)
T (°C)
C
α = 180°
D.C.



Html Pages

1 2 3 4 5 6 7 8