| Moteur de recherche de fiches techniques de composants électroniques |
|
TSOT Fiches technique(PDF) 2 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
TSOT Fiches technique(HTML) 2 Page - Amkor Technology |
|
2 / 2 page ![]() With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice. The Amkor name and logo are registered trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies. © 2021 Amkor Technology, Incorporated. All Rights Reserved. DS581O-EN Rev Date: 06/21 Visit amkor.com or email sales@amkor.com for more information. Cross Sections Die Up SOT-23/TSOT Die Down Configuration Options SOT-23/TSOT Nominal Package Dimensions (mm) Package Type Lead Count Body Width Body Length Body Thickness Overall Height Lead Pitch Tip-to-Tip JEDEC/EIAJ SOT‑23 3 1.3 2.9 0.90 0.98 0.95/1.9 2.40 SOT346/ TO‑236/SC‑59 4 1.3 2.9 0.90 0.98 1.92 2.40 SOT143/ TO‑253 5 1.6 2.9 1.15 1.23 0.95/1.9 2.80 MO‑178 6 1.6 2.9 1.15 1.23 0.95 2.80 MO‑178 8 1.6 2.9 1.15 1.23 0.65 2.80 MO‑178 TSOT* 3 1.6 2.9 0.88 0.96 0.95/1.9 2.75 N/A 5 1.6 2.9 0.88 0.96 0.95 2.75 MO‑193 6 1.6 2.9 0.88 0.96 0.95 2.75 MO‑193 8 1.6 2.9 0.88 0.96 0.65 2.75 MO‑193 *TSOT may also be referenced as a TSOP Cu leadframe Wirebond Die A B Die attach adhesive Reduced pad Mold compound C D E F Cu leadframe Die attach adhesive Mold compound A B Reduced pad Die Wirebond C D E F B A F E D C A C B D E F |