| Moteur de recherche de fiches techniques de composants électroniques |
|
SIP Fiches technique(PDF) 4 Page - Amkor Technology |
|
|
|||||||||||||||||||||||||||||
SIP Fiches technique(HTML) 4 Page - Amkor Technology |
|
4 / 5 page ![]() Advanced SiP Testing As part of its complete SiP design solution, Amkor has developed expertise in RF and digital testing, including test system software/hardware development and manufacturing test. f Comprehensive test services that complement wafer level and package assembly f Amkor is the #1 RF test services supplier for Sub-6 GHz f Ongoing joint efforts with test equipment suppliers and customers to enable 5G product production testing f Amkor has a vast array of test capabilities and rich experience in device testing f Offers an extensive equipment fleet and continues to invest in new capabilities required to test the latest devices Thermal Mechanical and Electromagnetic Characterization and Design Considerations f Warpage optimization ▷ Module level and strip level warpage ▷ Warpage at room temperature and reflow temperature f Stress analysis f Die, bump, substrate stress analysis f Correlate to FA to help root cause analysis and correction options f BLR characterization f Board level temperature cycle life performance prediction f Die attach delamination stress analysis f Material properties measurements including CTE, modulus, Tg, Theta JA, Theta JB and Theta JC f Accelerated failure testing f Electromigration as function of temperature, time current and interconnect f Bend and drop testing f Die strength and stress f Surface mount assembly support f Failure and reliability analysis f Thermal simulation and air flow effects System in Package Technology |