Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-SWIFT Fiches technique(PDF) 2 Page - Amkor Technology

No de pièce S-SWIFT
Description  Substrate-SWIFT (S-SWIFT) technology is revolutionizing the world of advanced packaging.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMKOR [Amkor Technology]
Site Internet  http://www.amkor.com
Logo AMKOR - Amkor Technology

S-SWIFT Fiches technique(HTML) 2 Page - Amkor Technology

  S-SWIFT Datasheet HTML 1Page - Amkor Technology S-SWIFT Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit amkor.com or email sales@amkor.com for more information.
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or
that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon it and no patent
or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on
any product beyond that set forth in its standard terms and conditions of sale. Amkor reserves the right to make
changes in its product and specifications at any time and without notice. The Amkor name and logo are registered
trademarks of Amkor Technology, Inc. All other trademarks mentioned are property of their respective companies.
© 2024 Amkor Technology, Incorporated. All Rights Reserved. TS117A-EN Rev Date: 09/24
Benefits
f
Cost-effective: Eliminates the need for an
interposer, reducing package costs
f
Electrical Performance: Offers better impedance
control, lower insertion loss, and less warpage,
resulting in improved electrical performance
f
High I/O Counts: Supports packages with over
1000 I/Os, making it ideal for networking and server
applications
f
Time to Market: Leveraging existing fan-out/flip
chip techniques, this technology accelerates
time to market
Applications
S-SWIFT™ technology is well-suited for applications
that require large package sizes and high I/O density
(>1000).
Key applications include
f
High Performance Computing (HPC): Enhances
HPC applications by efficiently achieving critical
interconnections
f
Networking and Server Applications: High I/O
density makes S-SWIFT ideal for networking and
server needs
f
Artificial Intelligence (AI): Exceptional electrical
performance and high-speed, low-latency chip-to-
chip interconnect are perfect for AI applications
requiring significant memory and compute power
f
ASICs and HBMs: The chip-last technology of
S-SWIFT is suitable for packaging ASICs and HBMs
S-SWIFT™ technology offers lower costs compared
to 2.5D, a thinner package, reduced insertion loss,
improved impedance control, and lower warpage,
resulting in superior electrical performance. These
advantages make S-SWIFT a compelling choice for
relevant applications.
S-SWIFTTM Technology
S-SWIFT™ Cross Section
Substrate SWIFT® Technology
Metal Lid
Molded Logic +
HBM Module
RDL (SWIFT) Interposer
Passive Components
Organic Substrate
with Lid Adhesive
Solder Ball Grid Array



Html Pages

1 2