Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1211D103C Fiches technique(PDF) 37 Page - RICOH electronics devices division

No de pièce R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICOH [RICOH electronics devices division]
Site Internet  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Fiches technique(HTML) 37 Page - RICOH electronics devices division

Back Button R1211D103C Datasheet HTML 32Page - RICOH electronics devices division R1211D103C Datasheet HTML 33Page - RICOH electronics devices division R1211D103C Datasheet HTML 34Page - RICOH electronics devices division R1211D103C Datasheet HTML 35Page - RICOH electronics devices division R1211D103C Datasheet HTML 36Page - RICOH electronics devices division R1211D103C Datasheet HTML 37Page - RICOH electronics devices division R1211D103C Datasheet HTML 38Page - RICOH electronics devices division R1211D103C Datasheet HTML 39Page - RICOH electronics devices division R1211D103C Datasheet HTML 40Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
PACKAGE INFORMATION
PE-SON-6-0510
• SON-6
Unit: mm
PACKAGE DIMENSIONS
1.6
±0.2
0.2
±0.1
Attention: Tab suspension leads in the
parts have VDD or GND level.(They are
connected to the reverse side of this IC.)
Refer to PIN DISCRIPTION.
Do not connect to other wires or land patterns.
Bottom View
0.1
0.5
1
3
6
4
TAPING SPECIFICATION
1.7MAX.
0.2
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.1
1.9
1.5
+0.1
0
∅
∅1.1±0.1
TR
User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
21±0.8
2±0.5
11.4±1.0
9.0±0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40