| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP36 Fiches technique(PDF) 5 Page - Power Innovations Ltd |
|
|
|||||||||||||||||||||||||||||
TIP36 Fiches technique(HTML) 5 Page - Power Innovations Ltd |
|
5 / 6 page ![]() 5 JULY 1968 - REVISED MARCH 1997 TIP36, TIP36A, TIP36B, TIP36C PNP SILICON POWER TRANSISTORS PRODUCT INFORMATION SOT-93 3-pin plastic flange-mount package This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly. MECHANICAL DATA SOT-93 ALL LINEAR DIMENSIONS IN MILLIMETERS 4,90 4,70 1,37 1,17 0,78 0,50 2,50 TYP. 15,2 14,7 12,2 MAX. 16,2 MAX. 18,0 TYP. 31,0 TYP. 1,30 1,10 11,1 10,8 4,1 4,0 3,95 4,15 1 2 3 NOTE A: The centre pin is in electrical contact with the mounting tab. MDXXAW ø |