Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP162 Fiches technique(PDF) 6 Page - Power Innovations Ltd

No de pièce TIP162
Description  NPN SILICON POWER DARLINGTONS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POINN [Power Innovations Ltd]
Site Internet  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TIP162 Fiches technique(HTML) 6 Page - Power Innovations Ltd

  TIP162 Datasheet HTML 1Page - Power Innovations Ltd TIP162 Datasheet HTML 2Page - Power Innovations Ltd TIP162 Datasheet HTML 3Page - Power Innovations Ltd TIP162 Datasheet HTML 4Page - Power Innovations Ltd TIP162 Datasheet HTML 5Page - Power Innovations Ltd TIP162 Datasheet HTML 6Page - Power Innovations Ltd TIP162 Datasheet HTML 7Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TIP160, TIP161, TIP162
NPN SILICON POWER DARLINGTONS
6
JUNE 1973 - REVISED MARCH 1997
PRODUCT
INFORMATION
SOT-93
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
SOT-93
ALL LINEAR DIMENSIONS IN MILLIMETERS
4,90
4,70
1,37
1,17
0,78
0,50
2,50 TYP.
15,2
14,7
12,2 MAX.
16,2 MAX.
18,0 TYP.
31,0 TYP.
1,30
1,10
11,1
10,8
4,1
4,0
3,95
4,15
1
2
3
NOTE A: The centre pin is in electrical contact with the mounting tab.
MDXXAW
ø



Html Pages

1 2 3 4 5 6 7