| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F103XB Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103XB Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 67 page ![]() Pin descriptions STM32F103xx 20/67 G8 28 36 54 PB15/SPI2_MOSI TIM1_CH3N I/O FT PB15 SPI2_MOSI(5)/ TIM1_CH3N(6) K9 - - 55 PD8 I/O FT PD8 J9 - - 56 PD9 I/O FT PD9 H9 - - 57 PD10 I/O FT PD10 G9 - - 58 PD11 I/O FT PD11 K10 - - 59 PD12 I/O FT PD12 J10 - - 60 PD13 I/O FT PD13 H10 - - 61 PD14 I/O FT PD14 G10 - - 62 PD15 I/O FT PD15 F10 - 37 63 PC6 I/O FT PC6 E10 38 64 PC7 I/O FT PC7 F9 39 65 PC8 I/O FT PC8 E9 - 40 66 PC9 I/O FT PC9 D9 29 41 67 PA8/USART1_CK/ TIM1_CH1/MCO I/O FT PA8 USART1_CK/ TIM1_CH1(6)/MCO C9 30 42 68 PA9/USART1_TX/ TIM1_CH2 I/O FT PA9 USART1_TX(6)/ TIM1_CH2(6) D10 314369 PA10/USART1_RX/ TIM1_CH3 I/O FT PA10 USART1_RX(6)/ TIM1_CH3(6) C10 324470 PA11 / USART1_CTS/ CANRX / USBDM/ TIM1_CH4 I/O FT PA11 USART1_CTS/ CANRX(6)/ TIM1_CH4(6) / USBDM B10 334571 PA12 / USART1_RTS/ CANTX / USBDP/ TIM1_ETR I/O FT PA12 USART1_RTS/ CANTX(6) / TIM1_ETR(6) / USBDP A10 344672 PA13/JTMS/SWDIO I/O FT JTMS/SWDIO PA13 F8 - - 73 Not connected E6 35 47 74 VSS_2 SVSS_2 F6 36 48 75 VDD_2 SVDD_2 A9 37 49 76 PA14/JTCK/SWCLK I/O FT JTCK/SWCLK PA14 A8 38 50 77 PA15/JTDI I/O FT JTDI PA15 B9 - 51 78 PC10 I/O FT PC10 B8 - 52 79 PC11 I/O FT PC11 C8 - 53 80 PC12 I/O FT PC12 Table 3. Pin definitions (continued) Pins Pin name Main function(3) (after reset) Default alternate functions |