Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

10307 Fiches technique(PDF) 3 Page - Extreme Networks.

No de pièce 10307
Description  High-performance 48-port 10Gb aggregation and leaf switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTREMENETWORKS [Extreme Networks.]
Site Internet  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

10307 Fiches technique(HTML) 3 Page - Extreme Networks.

  10307 Datasheet HTML 1Page - Extreme Networks. 10307 Datasheet HTML 2Page - Extreme Networks. 10307 Datasheet HTML 3Page - Extreme Networks. 10307 Datasheet HTML 4Page - Extreme Networks. 10307 Datasheet HTML 5Page - Extreme Networks. 10307 Datasheet HTML 6Page - Extreme Networks. 10307 Datasheet HTML 7Page - Extreme Networks. 10307 Datasheet HTML 8Page - Extreme Networks. 10307 Datasheet HTML 9Page - Extreme Networks. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specifications
Model
X690-48x-2q-4c
X690-48t-2q-4c
Ports
• 48 x 1Gb/10Gb SFP+ ports
• 2 x 10Gb/40Gb QSFP+ ports
• 4 x 10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out-of-band management port
• Micro-USB Type A storage port
QSFP Port Configurations Support
• 4 x 10Gb/40Gb QSFP+ ports and 2 10Gb/25Gb/40Gb/50Gb/
100Gb QSFP28 ports
or
• 4 x 10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports (two QSFP
ports inactive)
• 48 x 100Mb/1Gb/10Gb 10GBASE-T ports
• 2 x 10Gb/40Gb QSFP+ ports
• 4 x 10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports
• 1 x Serial console port RJ-45
• 1 x 10/100/1000BASE-T out-of-band management port
• Micro-USB Type A storage port
QSFP Port Configurations Support
• 4 x 10Gb/40Gb QSFP+ ports and 2 10Gb/25Gb/40Gb/50Gb/
100Gb QSFP28 ports
or
• 4 x 10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports (two QSFP
ports inactive)
Power Supplies
• Modular 770W AC power supply (up to two PSUs)
• Modular 1100W DC power supply (up to two PSUs)
• Front-Back and Back-Front airflow options
• Modular 770W AC power supply (up to two PSUs)
• Modular 1100W DC power supply (up to two PSUs)
• Front-Back and Back-Front airflow options
Fan Modules
6 fan modules
Front-Back and Back-Front airflow options
6 fan modules
Front-Back and Back-Front airflow options
Dimensions
17.4 in W / 19.2 in D / 1.7 in H
(44.1 cm / 48.8 cm / 4.3 cm)
17.4 in W / 19.2 in D / 1.7 in H
(44.1 cm / 48.8 cm / 4.3 cm)
Performance
• 1.76Tbps Switching Capacity
• 759Mpps Forwarding Rate
• Average Latency: 800 ns
• 1.76Tbps Switching Capacity
• 759Mpps Forwarding Rate
• Average Latency: 2.3 µsec
CPU Memory
• 2.4GHz Quad core CPU
• 8GB DDR3 ECC memory
• 32GB SSD memory
• 2.4GHz Quad core CPU
• 8GB DDR3 ECC memory
• 32GB SSD memory
Packet Buffers
12MB
12MB
Operating
Conditions
• 0ºC - 45ºC operation
• 10% to 95% relative humidity, non-condensing
• 0 - 3000 meters altitude
• Shock (half sine): 98 m/s2 (10 G), 11 ms, 9 shocks
• Random vibration: 3 to 500 Hz at 1.5G rms
• 0ºC - 45ºC operation
• 10% to 95% relative humidity, non-condensing
• 0 - 3000 meters altitude
• Shock (half sine): 98 m/s2 (10 G), 11 ms, 9 shocks
• Random vibration: 3 to 500 Hz at 1.5G rms
 
 
 
 
 
 
  
www.extremenetworks.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com