| Moteur de recherche de fiches techniques de composants électroniques |
|
XN-2P-RKMT299 Fiches technique(PDF) 7 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-2P-RKMT299 Fiches technique(HTML) 7 Page - Extreme Networks. |
|
7 / 9 page ![]() 2818 HTTP over TLS 2819 Remote Network Monitoring MIB 2863 Interfaces Group MIB 2865 RADIUS 2869 RADIUS Extensions (partial support) 2874 DNS Extensions for IPv6 2925 Definitions of Managed Objects for Remote Ping, Traceroute, and Lookup Operations 2933 IGMP MIB 2934 PIM MIB for IPv4 2992 ECMP Algorithm 3046 DHCP Relay Agent Information Option 82 3162 RADIUS and IPv6 3246 Expedited Forwarding PHB 3315 DHCPv6 3339 Date and Time on The Internet: Timestamps 3376 IGMPv3 3411 Architecture for Describing SNMP Management Frameworks 3412 Message Processing and Dispatching for SNMP 3413 SNMP Applications 3414 USM for SNMPv3 3415 VACM for SNMP 3416 Protocol Operations v2 for SNMP 3417 Transport Mappings for SNMP 3418 MIB for SNMP 3484 Default Address Selection for IPv6 3513 IPv6 Addressing Architecture 3569 Overview of SSM 3579 RADIUS Support for EAP 3587 IPv6 Global Unicast Address Format 3596 DNS Extensions to support IPv6 3748 Extensible Authentication Protocol 3810 MLDv2 for IPv6 3879 Deprecating Site Local Addresses 4007 IPv6 Scoped Address Architecture 4022 TCP MIB 4087 IP Tunnel MIB 4113 UDP MIB 4133 Entity MIB Version 3 (partial support) 4193 Unique Local IPv6 Unicast Addresses 4213 Basic Transition Mechanisms for IPv6 Hosts and Routers 4250 SSH Assigned Numbers 4251 SSH Protocol Architecture 4252 SSH Authentication Protocol 4253 SSH Transport Layer Protocol 4254 SSH Connection Protocol 4255 DNS to Securely Publish SSH Key Fingerprints 4256 Generic Message Exchange Authentication for SSH 4291 IPv6 Addressing Architecture 4292 IP Forwarding Table MIB 4293 IP MIB 4301 Security Architecture for IP1 4302 IP Authentication Header1 4303 IP Encapsulating Security Payload1 4308 Cryptographic Suites for IPsec 4363 Definitions of Managed Objects for Bridges with Traffic Classes, Multicast Filtering and VLAN Extensions (partial support) 4429 Optimistic DAD for IPv6 (partial support) 4443 ICMP for IPv6 4541 Considerations for IGMP and MLD Snooping Switches 4552 Authentication/Confidentiality for OSPFv3 4601 PIM-SM: Revised Protocol Specification 4607 Source-Specific Multicast for IP 4675 RADIUS Attributes for Virtual LAN and Priority Support (partial support) 4835 Cryptographic Algorithm Implementation Requirements for ESP and AH 4861 Neighbor Discovery for IPv6 4862 IPv6 Stateless Address Auto-Configuration 5095 Deprecation of Type 0 Routing Headers in IPv6 5176 Dynamic Authorization Extensions to RADIUS 5187 OSPFv3 Graceful Restart (Helper-mode) 5308 Routing IPv6 with IS-IS 5340 OSPF for IPv6 5424 The Syslog Protocol 5798 VRRPv3 for IPv4 and IPv6 5905 NTPv4: Protocol and Algorithms Specification 5997 Use of Status-Server Packets in RADIUS 6105 IPv6 Router Advertisement Guard 6329 IS-IS Extensions supporting IEEE 802.1aq SPB 6933 Entity MIBv4 (partial support) 7358 VXLAN: A Framework for Overlaying Virtualized L2 Networks over L3 Networks (partial support) 7610 DHCPv6 Shield: Protecting against Rogue DHCPv6 Servers Internet-Draft IP/IPVPN services with IEEE 802.1aq SPB networks (draft- unbehagen-spb-ip-ipvpn-00) Internet-Draft SPB Deployment Considerations (draft-lapuh-spb- deployment-03) 1 Implemented to deliver IPsec capability for Control Plane traffic only. Base Software and Licensing The VSP 7400 Series is being introduced with the VSP Operating System Software (VOSS) 8.0 release, which is the minimum required to operate the switch. Base software included with the VSP 7400 Series hardware purchase provides most of the features available on the switch. A Premium Software license, however, is required to enable the following features on the switch: • Layer 3 Virtual Services Networks (VSNs) • Distributed Virtual Routing Controller • VXLAN Gateway • 25 or more VRFs • Extreme Insight Architecture www.extremenetworks.com 7 |