| Moteur de recherche de fiches techniques de composants électroniques |
|
XN-DCPWR-750W-R Fiches technique(PDF) 6 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-DCPWR-750W-R Fiches technique(HTML) 6 Page - Extreme Networks. |
|
6 / 9 page ![]() 802.1X Port-based Network Access Control 802.1AB-2005 Station & Media Access Control Connectivity Discovery; aka LLDP (partial support) 802.1AX Link Aggregation IEEE 802.3 Ethernet 802.3-1983 CSMA/CD Ethernet( ISO/IEC 8802-3) 802.3i-1990 10Mb/s Operation, 10BASE-T Copper 802.3u-1995 100Mb/s Operation, 100BASE-T Copper, with Auto-Negotiation 802.3x-1997 Full Duplex Operation 802.3z-1998 1000Mb/s Operation, implemented as 1000BASE-X (Auto- negotiation not supported) 802.3ab-1999 1000Mb/s Operation, 1000BASE-T Copper 802.3ae-2002 10Gb/s Operation, implemented as 10GBASE-SFP+ 802.3an-2006 10Gb/s Operation, 10GBASE-T Copper 802.3ba-2010 40Gb/s and 100Gb/s Operation 802.3bm-2015 40Gb/s and 100Gb/s Operation, implemented as 40GBASE- QSFP+ & 100GBASE-QSFP28 IETF 768 UDP 783 TFTP 791 IP 792 ICMP 793 TCP 826 ARP 854 Telnet 894 Transmission of IP Datagrams over Ethernet Networks 896 Congestion Control in IP/TCP internetworks 906 Bootstrap Loading using TFTP 950 Internet Standard Subnetting Procedure 951 BOOTP: Relay Agent-only 959 FTP 1027 Using ARP to Implement Transparent Subnet Gateways 1058 RIP 1112 Host Extensions for IP Multicasting 1122 Requirements for Internet Hosts - Communication Layers 1155 Structure and Identification of Management Information for TCP/IP- based Internets 1156 MIB for Network Management of TCP/IP 1157 SNMP 1212 Concise MIB Definitions 1213 MIB for Network Management of TCP/IP-based Internets: MIB-II 1215 Convention for Defining Traps for use with the SNMP 1256 ICMP Router Discovery 1258 BSD Rlogin 1271 Remote Network Monitoring MIB 1305 NTPv3 1321 MD5 Message-Digest Algorithm 1340 Assigned Numbers 1350 TFTPv2 1398 Ethernet MIB 1442 SMIv2 of SNMPv2 1450 SNMPv2 MIB 1519 CIDR 1541 DHCP 1542 Clarifications and Extensions for BOOTP 1573 Evolution of the Interfaces Group of MIB-II 1587 OSPF NSSA Option 1591 DNS Client 1650 Definitions of Managed Objects for the Ethernet-like Interface Types 1657 Definitions of Managed Objects for BGP-4 using SMIv2 1723 RIPv2 Carrying Additional Information 1812 Router Requirements 1850 OSPFv2 MIB 1866 HTMLv2 1907 SNMPv2 MIB 1930 Guidelines for creation, selection, and registration of an AS 1981 Path MTU Discovery for IPv6 2021 Remote Network Monitoring MIBv2 using SMIv2 2068 HTTP 2080 RIPng for IPv6 2131 DHCP 2138 RADIUS Authentication 2139 RADIUS Accounting 2236 IGMPv2 Snooping 2284 PPP Extensible Authentication Protocol 2328 OSPFv2 2362 PIM-SM 2404 HMAC-SHA-1-96 within ESP and AH6 2407 Internet IP Security Domain of Interpretation for ISAKMP6 2408 Internet Security Association and Key Management Protocol 2428 FTP Extensions for IPv6 and NAT 2452 TCP IPv6 MIB 2453 RIPv2 2454 UDP IPv6 MIB 2460 IPv6 Basic Specification 2463 ICMPv6 2464 Transmission of IPv6 Packets over Ethernet Networks 2466 MIB for IPv6: ICMPv6 Group 2474 Differentiated Services Field Definitions in IPv4 and IPv6 Header 2575 VACM for SNMP 2576 Coexistence between v1/v2/v3 of the Internet-standard Network Management Framework 2578 SMIv2 2579 Textual Conventions for SMIv2 2580 Conformance Statements for SMIv2 2597 Assured Forwarding PHB Group 2598 Expedited Forwarding PHB 2616 HTTPv1.1 2710 MLD for IPv6 2716 PPP EAP TLS Authentication Protocol 2787 Definitions of Managed Objects for VRRP www.extremenetworks.com 6 |