Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XN-2P-RMTKIT2CS-001 Fiches technique(PDF) 7 Page - Extreme Networks.

No de pièce XN-2P-RMTKIT2CS-001
Description  Simplified edge switch operation powered by ExtremeXOS aggregation switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTREMENETWORKS [Extreme Networks.]
Site Internet  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-2P-RMTKIT2CS-001 Fiches technique(HTML) 7 Page - Extreme Networks.

  XN-2P-RMTKIT2CS-001 Datasheet HTML 1Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 2Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 3Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 4Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 5Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 6Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 7Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 8Page - Extreme Networks. XN-2P-RMTKIT2CS-001 Datasheet HTML 9Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Additional Standards for the V300HT
Models
NOTE: Regulatory and safety certificates pending final testing by
responsible agencies. To be competed for applicable products no
later than April 2020.
Industrial Environment
• Corrosion and Humidity - ISO 12944-6
• Salt Fog / Marine - IEC 60068-52-2
• IEC 60068-2-1 (temperature type test – cold)
• IEC 60068-2-2 (temperature type test - hot)
• IEC 60068-2-3 (damp heat steady state)
• IEC 60068-2-30 (damp heat cyclic)
• IEC 60870-2-2 (operational temp)
• IEC 60721-3-1: Class 1K5 (storage temperature)
Industrial EMC
• TS 61000-6-5 EMC Immunity for Power Station and sub station
• EN 61000-6-2 Immunity for Industrial Environments
• EN 61000-6-1 Immunity for Light Industrial Environments
• EN 61000-6-4 Emissions for Industrial Environments
• EN 50121-1 EMC for Railway applications
• EN 50121-4 Immunity for Railway applications
• EN 50121-3-2 Immunity for Railway applications
• EN 61326-1 EMC for Laboratory applications
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8 9