| Moteur de recherche de fiches techniques de composants électroniques |
|
XN-DCPWR-750W-R Fiches technique(PDF) 6 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-DCPWR-750W-R Fiches technique(HTML) 6 Page - Extreme Networks. |
|
6 / 7 page ![]() Ordering Information Part Number Description 8520-48Y-8C Extreme 8520-48Y Switch with two empty power supply slots, six empty fan slots; Ships with one 4-post rack mount kit; Supports 48x25/10/1G and 8x100/40G ports 8520-48Y-8C-AC-F Extreme 8520-48Y Switch with front-back airflow; Ships with two AC power supplies, six fans, one 4-post rack mount kit; Supports 48x25/10/1G and 8x100/40G ports 8520-48Y-8C-AC-R Extreme 8520-48Y Switch with back-front airflow; Ships with two AC power supplies, six fans, one 4-post rack mount kit; Supports 48x25/10/1G and 8x100/40G ports 8520-48Y-8C-DC-F Extreme 8520-48Y Switch with front-back airflow; Ships with two DC power supplies, six fans, one 4-post rack mount kit; Supports 48x25/10/1G and 8x100/40G ports 8520-48Y-8C-DC-R Extreme 8520-48Y Switch with back-front airflow; Ships with two DC power supplies, six fans, one 4-post rack mount kit; Supports 48x25/10/1G and 8x100/40G ports 8520-48XT-6C Extreme 8520-48XT Switch with two empty power supply slots, six empty fan slots; Ships with one 4-post rack mount kit; Supports 48x10/1G copper ports and 6x100/40G fiber ports 8520-48XT-6C-AC-F Extreme 8520-48XT Switch with front-back airflow; Ships with two AC power supplies, six fans, one 4-post rack mount kit; Supports 48x10/1G copper ports and 6x100/40G fiber ports 8520-48XT-6C-AC-R Extreme 8520-48XT Switch with back-front airflow; Ships with two AC power supplies, six fans, one 4-post rack mount kit; Supports 48x10/1G copper ports and 6x100/40G fiber ports 8520-48XT-6C-DC-F Extreme 8520-48XT Switch with front-back airflow; Ships with two DC power supplies, six fans, one 4-post rack mount kit; Supports 48x10/1G copper ports and 6x100/40G fiber ports 8520-48XT-6C-DC-R Extreme 8520-48XT Switch with back-front airflow; Ships with two DC power supplies, six fans, one 4-post rack mount kit; Supports 48x10/1G copper ports and 6x100/40G fiber ports 8000-PRMR-LIC-P Extreme 8000 Premier Feature License (Includes Insight Architecture) XN-ACPWR-750W-F AC 750W PSU, Front to Back Airflow for use in VSP7400, SLX 9150, SLX9250, X695, 8520, 8720 XN-ACPWR-750W-R AC 750W PSU, Back to Front Airflow for use in VSP7400, SLX 9150, SLX9250, X695, 8520, 8720 XN-DCPWR-750W-F DC 750W PSU, Front to Back Airflow for use in VSP7400, SLX 9150, SLX9250, X695, 8520, 8720 XN-DCPWR-750W-R DC 750W PSU, Back to Front Airflow for use in VSP7400, SLX 9150, SLX9250, X695, 8520, 8720 XN-FAN-001-F Front to Back Fan for use in VSP 7400, SLX 9150, SLX 9250, X695, 8520, 8720 XN-FAN-001-R Back to Front Fan for use in VSP 7400, SLX 9150, SLX 9250, X695, 8520, 8720 XN-4P-RKMT298 Four post rack mount rail kit supported on VSP 7400, SLX 9150, SLX 9250, X695, 8520, 8720 XN-2P-RKMT299 Two post rack mount rail kit supported on VSP 7400, SLX 9150, SLX9250, X695, 8520, 8720 www.extremenetworks.com 6 |