| Moteur de recherche de fiches techniques de composants électroniques |
|
XN-2P-RKMT299 Fiches technique(PDF) 7 Page - Extreme Networks. |
|
|
|||||||||||||||||||||||||||||
XN-2P-RKMT299 Fiches technique(HTML) 7 Page - Extreme Networks. |
|
7 / 8 page ![]() Part Number Product Name Description 7520-48Y-8C-AC-R* 7520-48Y with back- to-front airflow Extreme 7520-48Y Switch - Ships with two AC back-to-front airflow power supplies, six back- to-front airflow fans, one 4-post rack mount kit. Supports 48 x 1G/10G/25G fiber ports and 8 x 40G/100G fiber ports 7520-48YE-8CE-AC-R* 7520-48YE-8CE- AC-R with back-to- front airflow Extreme 7520-48YE Switch - Ships with two AC back-to-front airflow power supplies, six back- to-front airflow fans, one 4-post rack mount kit. Supports 48 x 10G/25G fiber ports and 8 x 40G/100G fiber ports. Includes embedded MACsec capabilities. * When running Fabric Engine on the 7520, 2 of the 7520 uplink ports are blocked in support of Ethernet Fabric Connect (SPB) functionality. Accessories Part Number Product Name Description XN-ACPWR-800W-F 800W AC PSU (Front-to-Back) AC800W PSU, Front to Back Airflow for use in 7520, 7720 XN-ACPWR-800W-R 800W AC PSU (Back-to-Front) AC800W PSU, Back to Front Airflow for use in 7520, 7720 XN-DCPWR-800W-F 800W DC PSU (Front-to-Back) DC800W PSU, Front to Back Airflow for use in 7520, 7720 XN-DCPWR-800W-R 800W DC PSU (Back-to-Front) DC800W PSU, Back to Front Airflow for use in 7520, 7720 XN-FAN-001-F Fan Module (Front-to-Back) Single fan module Front to Back Airflow (also used in X695, VSP 7400, SLX 9150, SLX 9250, 7720, 8520, and 8720) XN-FAN-001-R Fan Module (Back-to-Front) Single fan module Back to Front Airflow (also used in X695, VSP 7400, SLX 9150, SLX 9250, 7720, 8520, and 8720) XN-2P-RKMT299 Two-post rack mount kit Two-post rack mount kit for 7520 and 7720 switches XN-4P-RKMT298 Four-post rack mount kit Four-post rack mount kit for 7520-48Y, 7520-48XT, and 7720 switches XN-4P-RKMT302 Four-post rack mount kit Four-post rack mount kit for 7520-48YE switches Software Licenses Part Number Product Name Description 7000-PRMR-LIC-P Premier License for 7000 Series Perpetual Premier License for Extreme 7000 series (Includes Integrated Application Hosting) 7000-MACSEC-LIC-P MACsec License for 7000 Series Perpetual MACsec License for Extreme 7000 series www.extremenetworks.com 7 |