Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XN-DCPWR-800W-R Fiches technique(PDF) 7 Page - Extreme Networks.

No de pièce XN-DCPWR-800W-R
Description  Universal Aggregation/Core Switch Platform
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXTREMENETWORKS [Extreme Networks.]
Site Internet  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-800W-R Fiches technique(HTML) 7 Page - Extreme Networks.

  XN-DCPWR-800W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 7Page - Extreme Networks. XN-DCPWR-800W-R Datasheet HTML 8Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ordering Information
7720 Systems
Part Number
Product Name
Description
7720-32C*
7720-32C Base
System
Extreme 7720-32C Switch with two empty power supply slots, six empty fan slots, Ships
with one 4-post rack mount kit. Supports 32 x 40G/100G fiber ports
7720-32C-AC-F*
7720-32C with front-to-back
airflow
Extreme 7720-32C Switch - Ships with two AC front-to-back airflow power supplies, six
front-to- back airflow fans, one 4-post rack mount kit. Supports 32 x 40G/100G fiber ports
7720-32C-AC-R*
7720-32C with back-to-front
airflow
Extreme 7720-32C Switch - Ships with two AC back-to-front airflow power supplies, six
back-to- front airflow fans, one 4-post rack mount kit. Supports 32 x 40G/100G fiber ports
* When running Fabric Engine on the 7720, 2 of the 7720 uplink ports are blocked in support of Ethernet Fabric Connect (SPB) functionality.
Accessories
Part Number
Product Name
Description
XN-ACPWR-800W-F
800W AC PSU
(Front-to-Back)
AC800W PSU, Front to Back Airflow for use in 7520, 7720
XN-ACPWR-800W-R
800W AC PSU
(Back-to-Front)
AC800W PSU, Back to Front Airflow for use in 7520, 7720
XN-DCPWR-800W-F
800W DC PSU
(Front-to-Back)
DC800W PSU, Front to Back Airflow for use in 7520, 7720
XN-DCPWR-800W-R
800W DC PSU
(Back-to-Front)
DC800W PSU, Back to Front Airflow for use in 7520, 7720
XN-FAN-001-F
Fan Module (Front-to-Back)
Single Fan module Front to Back Airflow (also used in X695, VSP 7400, SLX 9150, SLX 9250,
8520, 8720, and 7520)
XN-FAN-001-R
Fan Module (Back-to-Front)
Single Fan module Back to Front Airflow (also used in X695, VSP 7400, SLX 9150, SLX 9250,
8520, 8720, and 7520)
XN-2P-RKMT299
Two-post rack mount kit
Two-post rack mount kit for 7520 and 7720 switches
XN-4P-RKMT298
Four-post rack mount kit
Four-post rack mount kit for 7520-48Y, 7520-48XT, and 7720 switches
Software Licenses
Part Number
Product Name
Description
7000-PRMR-LIC-P
Premier License for 7000
Series
Extreme7000 Premier Feature License (Includes Integrated Application Hosting)
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7 8