Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM124WB Fiches technique(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM124WB
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM124WB Fiches technique(HTML) 44 Page - Texas Instruments

Back Button LM124WB Datasheet HTML 40Page - Texas Instruments LM124WB Datasheet HTML 41Page - Texas Instruments LM124WB Datasheet HTML 42Page - Texas Instruments LM124WB Datasheet HTML 43Page - Texas Instruments LM124WB Datasheet HTML 44Page - Texas Instruments LM124WB Datasheet HTML 45Page - Texas Instruments LM124WB Datasheet HTML 46Page - Texas Instruments LM124WB Datasheet HTML 47Page - Texas Instruments LM124WB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2024
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM124DR
SOIC
D
14
2500
350.0
350.0
43.0
LM224ADR
SOIC
D
14
2500
340.5
336.1
32.0
LM224ADR
SOIC
D
14
2500
356.0
356.0
35.0
LM224ADRG4
SOIC
D
14
2500
340.5
336.1
32.0
LM224ADRG4
SOIC
D
14
2500
356.0
356.0
35.0
LM224DR
SOIC
D
14
2500
356.0
356.0
35.0
LM224DRG4
SOIC
D
14
2500
356.0
356.0
35.0
LM224KADR
SOIC
D
14
2500
356.0
356.0
35.0
LM224KDR
SOIC
D
14
2500
356.0
356.0
35.0
LM2902BAIPWR
TSSOP
PW
14
3000
356.0
356.0
35.0
LM2902BIPWR
TSSOP
PW
14
3000
356.0
356.0
35.0
LM2902DR
SOIC
D
14
2500
353.0
353.0
32.0
LM2902DRG4
SOIC
D
14
2500
353.0
353.0
32.0
LM2902KAVQPWR
TSSOP
PW
14
2000
356.0
356.0
35.0
LM2902KAVQPWRG4
TSSOP
PW
14
2000
367.0
367.0
35.0
LM2902KDR
SOIC
D
14
2500
356.0
356.0
35.0
LM2902KNSR
SO
NS
14
2000
356.0
356.0
35.0
LM2902KPWR
TSSOP
PW
14
2000
356.0
356.0
35.0
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64